công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM54-1V8S060-6G bảng dữ liệu(PDF) 5 Page - Bel Fuse Inc. |
|
STM54-1V8S060-6G bảng dữ liệu(HTML) 5 Page - Bel Fuse Inc. |
5 / 30 page STM48-MAIN STM48-SATELLITE Rev. 1.0 – 21/02/2018 www.powerstamp.org Page 5 of 30 belfuse.com/power-solutions Output Specifications – 1.8V Parameter Symbol Min Typ Max Units Output voltage setpoint VOUT 1.820 1.83 1.839 V Output voltage trim range VOUT_adj 1.6 2.0 V Trim VID resolution 10 mV Output Regulation Line (VIN= VIN_min to VIN_max) Load (IOUT= IOUTmin to IOUTmax) Temperature (Tref= Tamb_min to Tamb_max) - - - 8 10 TBD mV mV %VOUT_nom Total regulation band AC, IOUT= IOUT_min to IOUT_max - 44 mVp-p Output voltage ripple and noise VIN= 48V and IOUT= IOUT_min to IOUT_max 5Hz to 20 MHz bandwidth, nominal output capacitance Vr - 20 mVp-p Output capacitance ESR > 0.15mΩ ESR > 10mΩ COUT - - TBD TBD µF Continuous output current in either source or sink mode IOUT 0 70 A Peak output current TBD, in either source or sink mode IOUT_peak - 100 Apeak Output current limit TBD IOUT_CL 150 180 % IOUT_max Output short circuit current TBD IOUT_SC TBD ARMS Efficiency VIN= 48V, Tamb= 25°C IOUT= 50% of IOUT_max , VOUT= VOUT_nom η 94.0 94.1 % Switching frequency fSW 200 450 600 kHz |
Số phần tương tự - STM54-1V8S060-6G |
|
Mô tả tương tự - STM54-1V8S060-6G |