công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28214FBZ-T13 bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện ISL28214FBZ-T13
Giải thích chi tiết về linh kiện  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28214FBZ-T13 bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  ISL28214FBZ-T13 Datasheet HTML 1Page - Renesas Technology Corp ISL28214FBZ-T13 Datasheet HTML 2Page - Renesas Technology Corp ISL28214FBZ-T13 Datasheet HTML 3Page - Renesas Technology Corp ISL28214FBZ-T13 Datasheet HTML 4Page - Renesas Technology Corp ISL28214FBZ-T13 Datasheet HTML 5Page - Renesas Technology Corp ISL28214FBZ-T13 Datasheet HTML 6Page - Renesas Technology Corp ISL28214FBZ-T13 Datasheet HTML 7Page - Renesas Technology Corp ISL28214FBZ-T13 Datasheet HTML 8Page - Renesas Technology Corp ISL28214FBZ-T13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISL28114, ISL28214, ISL28414
FN6800 Rev 10.00
Page 4 of 23
December 8, 2016
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .V- - 0.5V to V+ + 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
Machine Model (ISL28114, ISL28214) . . . . . . . . . . . . . . . . . . . . . . . 350V
Machine Model (ISL28414). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
5 Ld SC-70 (Notes 6) . . . . . . . . . . . . . . . . . .
250
N/A
5 Ld SOT-23 (Notes 6) . . . . . . . . . . . . . . . . .
225
N/A
8 Ld MSOP (Notes 6, 7) . . . . . . . . . . . . . . . .
180
100
8 Ld SOIC Package (Notes 6, 7) . . . . . . . . .
126
90
8 Ld SOT-23 Package (Notes 6, 7) . . . . . . .
240
168
14 Ld TSSOP Package (Notes 6, 7) . . . . . .
120
40
14 Ld SOIC Package (Notes 6, 7) . . . . . . . .
90
50
Ambient Operating Temperature Range . . . . . . . . . . . . . .-40°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+125°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
JC, the “case temp” location is taken at the package top center.
Electrical Specifications VS+=5V, VS-=0V,RL=Open,VCM=VS/2,TA =+25°C, unlessotherwisespecified.Boldfacelimitsapplyacross
the operating temperature range, -40°C to +125°C, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
-4
0.5
4
mV
-40°C to +125°C
-5
5
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
-40°C to +125°C
5
µV/°C
IOS
Input Offset Current
130
pA
IB
Input Bias Current
ISL28114
-20
3
20
pA
-100
100
pA
ISL28214, ISL28414
-20
3
20
pA
-50
50
pA
Common-Mode Input Voltage Range
- 0.1
5.1
V
CMRR
Common-Mode Rejection Ratio
VCM = -0.1V to 5.1V
72
dB
-40°C to +125°C
70
dB
PSRR
Power Supply Rejection Ratio
VS = 1.8V to 5.5V
71
dB
-40°C to +125°C
70
dB
VOH
Output Voltage Swing, High
RL = 10kΩ
4.985
4.993
V
4.98
V
VOL
Output Voltage Swing, Low
RL = 10kΩ
13
15
mV
20
mV
V+
Supply Voltage
1.8
5.5
V
IS
Supply Current per Amplifier
RL = OPEN
300
390
µA
475
µA
ISC+
Output Source Short-Circuit Current RL = 10Ω to V-
-31
mA
ISC-
Output Sink Short-Circuit Current
RL = 10Ω to V+
26
mA


Số phần tương tự - ISL28214FBZ-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28214FBZ-T13 INTERSIL-ISL28214FBZ-T13 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

Mô tả tương tự - ISL28214FBZ-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com