công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28236SOICEVAL1Z bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện ISL28236SOICEVAL1Z
Giải thích chi tiết về linh kiện  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28236SOICEVAL1Z bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  ISL28236SOICEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL28236SOICEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL28236SOICEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL28236SOICEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL28236SOICEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL28236SOICEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL28236SOICEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL28236SOICEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL28236SOICEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN6921 Rev 2.00
Page 1 of 15
July 24, 2014
FN6921
Rev 2.00
July 24, 2014
ISL28236
5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
DATASHEET
The ISL28236 is a low-power dual operational amplifier
optimized for single supply operation from 2.4V to 5.5V,
allowing operation from one lithium cell or two Ni-Cd batteries.
The device features a gain-bandwidth product of 5MHz.
The ISL28236 features an Input Range Enhancement Circuit
(IREC), which enables the amplifier to maintain CMRR
performance for input voltages greater than the positive
supply. The input signal is capable of swinging 0.25V above the
positive supply and to the negative supply with only a slight
degradation of the CMRR performance. The output operation
is rail-to-rail.
The part typically draws less than 1mA supply current per
amplifier while meeting excellent DC accuracy, AC
performance, noise and output drive specifications. The
ISL28236 is available in the 8 Ld SOIC and the 8 Ld MSOP.
Operation is guaranteed over the -40°C to +125°C
temperature range.
Features
• 5MHz gain bandwidth product at AV = 100
• 2mA typical supply current
• 240µV maximum offset voltage (SOIC package)
• 6nA typical input bias current (SOIC package)
• Down to 2.4V single supply voltage range
• Rail-to-rail input and output
• -40°C to +125°C operation
• Pb-Free (RoHS compliant)
Applications
•Low-end audio
• 4mA to 20mA current loops
•Medical devices
•Sensor amplifiers
•ADC Buffers
• DAC output amplifiers
Related Literature
• AN1420, “ISL282x6EVAL1Z Evaluation Board User’s Guide”
Ordering Information
PART
NUMBER
(Notes 2, 3)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28236FBZ
28236 FBZ
8 Ld SOIC
M8.15E
ISL28236FBZ-T7
(Note 1)
28236 FBZ
8 Ld SOIC
M8.15E
ISL28236FBZ-T7A
(Note 1)
28236 FBZ
8 Ld SOIC
M8.15E
ISL28236FUZ
8236Z
8 Ld MSOP
M8.118A
ISL28236FUZ-T7
(Note 1)
8236Z
8 Ld MSOP
M8.118A
ISL28236FUZ-T7A
(Note 1)
8236Z
8 Ld MSOP
M8.118A
ISL28236SOICEVAL1Z Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product
information page for ISL28236. For more information on MSL,
please see tech brief TB363.


Số phần tương tự - ISL28236SOICEVAL1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28236SOICEVAL1Z INTERSIL-ISL28236SOICEVAL1Z Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
More results

Mô tả tương tự - ISL28236SOICEVAL1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com