công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM48-1V2S060-1Z bảng dữ liệu(PDF) 1 Page - Bel Fuse Inc.

tên linh kiện STM48-1V2S060-1Z
Giải thích chi tiết về linh kiện  48V-to-PoL isolated DC-DC converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BEL [Bel Fuse Inc.]
Trang chủ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48-1V2S060-1Z bảng dữ liệu(HTML) 1 Page - Bel Fuse Inc.

  STM48-1V2S060-1Z Datasheet HTML 1Page - Bel Fuse Inc. STM48-1V2S060-1Z Datasheet HTML 2Page - Bel Fuse Inc. STM48-1V2S060-1Z Datasheet HTML 3Page - Bel Fuse Inc. STM48-1V2S060-1Z Datasheet HTML 4Page - Bel Fuse Inc. STM48-1V2S060-1Z Datasheet HTML 5Page - Bel Fuse Inc. STM48-1V2S060-1Z Datasheet HTML 6Page - Bel Fuse Inc. STM48-1V2S060-1Z Datasheet HTML 7Page - Bel Fuse Inc. STM48-1V2S060-1Z Datasheet HTML 8Page - Bel Fuse Inc. STM48-1V2S060-1Z Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.powerstamp.org
belfuse.com/power-solutions
MAIN AND SATELLITE POWER STAMP
48V-to-PoL isolated DC-DC converters
The MAIN and SATELLITE Power Stamp are isolated DC-DC converters
that converts a 48V or 54V bus voltage into a low voltage suitable for
typical server’s motherboard subsystems.
Key Features and Benefits
Over 94% efficiency at 1.8Vout
Over 91% efficiency at 1.0Vout
Up to 140W continuous output power / 200W peak
Up to 70A continuous output current / 100A peak
Wide 40V to 60V input voltage range
Power density exceeding 300W/in3
Parallelable with automatic phase shedding
Flat efficiency curve over wide load ranges
Source and sink mode for fast transient response
Isolated power train
Secondary side fully digital control
PMBUs with configurable AVS or Intel SVID interface
Industry standard SMT package
Reference designs for selected applications
Applications
Direct conversion from 48V or 54V bus
High performance computing
Servers, storage and data processing equipment
Communication systems
Intel VR13 HC CPUs
DDR4 memory
Low voltage, high current ASICs and FPGAs


Số phần tương tự - STM48-1V2S060-1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STM4800A SAMHOP-STM4800A Datasheet
696Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STM4800A VBSEMI-STM4800A Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4800S SAMHOP-STM4800S Datasheet
119Kb / 8P
   S uper high dense cell design for low R DS (ON).
logo
VBsemi Electronics Co.,...
STM4800S VBSEMI-STM4800S Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SamHop Microelectronics...
STM4806 SAMHOP-STM4806 Datasheet
126Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Mô tả tương tự - STM48-1V2S060-1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
   DC-DC CONVERTERS Non-isolated POL Converter
logo
TDK Electronics
FS1406-0700-AL TDK-FS1406-0700-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AL TDK-FS1406-1050-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1100-AS TDK-FS1406-1100-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-2500-AS TDK-FS1406-2500-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-0900-AL TDK-FS1406-0900-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1406-1050-AS TDK-FS1406-1050-AS Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
FS1403-3300-AL TDK-FS1403-3300-AL Datasheet
119Kb / 1P
   關POL??Embedded DC-DC Converters
April 06, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com