công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21007DFB820Z bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện ISL21007DFB820Z
Giải thích chi tiết về linh kiện  Precision, Low Noise FGA Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21007DFB820Z bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  ISL21007DFB820Z Datasheet HTML 1Page - Renesas Technology Corp ISL21007DFB820Z Datasheet HTML 2Page - Renesas Technology Corp ISL21007DFB820Z Datasheet HTML 3Page - Renesas Technology Corp ISL21007DFB820Z Datasheet HTML 4Page - Renesas Technology Corp ISL21007DFB820Z Datasheet HTML 5Page - Renesas Technology Corp ISL21007DFB820Z Datasheet HTML 6Page - Renesas Technology Corp ISL21007DFB820Z Datasheet HTML 7Page - Renesas Technology Corp ISL21007DFB820Z Datasheet HTML 8Page - Renesas Technology Corp ISL21007DFB820Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FN6326 Rev.12.00
Page 1 of 20
Jun 9, 2017
FN6326
Rev.12.00
Jun 9, 2017
ISL21007
Precision, Low Noise FGA Voltage References
DATASHEET
The ISL21007 FGA™ voltage references are extremely low
power, high precision, and low noise voltage references
fabricated on Intersil’s proprietary Floating Gate Analog (FGA)
technology. The ISL21007 features very low noise (4.5µVP-P for
0.1Hz to 10Hz) and very low operating current (150µA, Max). In
addition, the ISL21007 family features guaranteed initial
accuracy as low as ±0.5mV.
This combination of high initial accuracy, low drift, and low
output noise performance of the ISL21007 enables versatile
high performance control and data acquisition applications
with low power consumption.
Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Base Stations
• Battery Management/Monitoring
• Industrial/Instrumentation Equipment
Features
• Reference Output Voltage . . . .1.250V, 2.048V, 2.500V, 3.000V
• Input Voltage Range
ISL21007-12, 20, 25. . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
ISL21007-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
• Low Output Voltage Noise. . . . . . . . 4.5µVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 150µA (Max)
• Temperature Coefficient . . . . . . . . . . . . . . 3ppm/°C (B grade)
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC
• Pb-Free (RoHS Compliant)
Related Literature
• For a full list of related documents, visit our website
- ISL21007 product pages
TABLE 1. AVAILABLE OPTIONS
PART
NUMBER
VOUT OPTION
(V)
INITIAL ACCURACY
(mV)
TEMPCO.
(ppm/°C)
ISL21007BFB812Z
(Obsolete. Recommended replacement part ISL21007CFB812Z)
1.250
±0.5
3
ISL21007CFB812Z
1.250
±1.0
5
ISL21007DFB812Z
1.250
±2.0
10
ISL21007BFB820Z
(Obsolete. Recommended replacement part ISL21007CFB820Z)
2.048
±0.5
3
ISL21007CFB820Z
2.048
±1.0
5
ISL21007DFB820Z
(Obsolete. Recommended replacement ISL21007CFB820Z)
2.048
±2.0
10
ISL21007BFB825Z
(Obsolete. Recommended replacement part ISL21007CFB825Z)
2.500
±0.5
3
ISL21007CFB825Z
2.500
±1.0
5
ISL21007DFB825Z
2.500
±2.0
10
ISL21007BFB830Z
(Obsolete. Recommended replacement ISL21007CFB825Z-TK)
3.000
±0.5
3
ISL21007CFB830Z
(Obsolete. Recommended replacement ISL21007CFB825Z-TK)
3.000
±1.0
5
ISL21007DFB830Z
(Obsolete. Recommended replacement ISL21007CFB825Z-TK)
3.000
±2.0
10


Số phần tương tự - ISL21007DFB820Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21007DFB820Z INTERSIL-ISL21007DFB820Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21007DFB820Z INTERSIL-ISL21007DFB820Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results

Mô tả tương tự - ISL21007DFB820Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com