công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21010DFH312Z-T bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện ISL21010DFH312Z-T
Giải thích chi tiết về linh kiện  Micropower Voltage Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21010DFH312Z-T bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  ISL21010DFH312Z-T Datasheet HTML 1Page - Renesas Technology Corp ISL21010DFH312Z-T Datasheet HTML 2Page - Renesas Technology Corp ISL21010DFH312Z-T Datasheet HTML 3Page - Renesas Technology Corp ISL21010DFH312Z-T Datasheet HTML 4Page - Renesas Technology Corp ISL21010DFH312Z-T Datasheet HTML 5Page - Renesas Technology Corp ISL21010DFH312Z-T Datasheet HTML 6Page - Renesas Technology Corp ISL21010DFH312Z-T Datasheet HTML 7Page - Renesas Technology Corp ISL21010DFH312Z-T Datasheet HTML 8Page - Renesas Technology Corp ISL21010DFH312Z-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ISL21010
FN7896 Rev 5.00
Page 5 of 37
Mar 30, 2018
Absolute Maximum Ratings
Thermal Information
Max Voltage
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
VOUT(pin) to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VIN +0.5V
Input Voltage Slew Rate (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1V/µs
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
3 Ld SOT-23 Package (Notes 5, 6) . . . . . . .
275
110
Continuous Power Dissipation (TA = +125°C) . . . . . . . . . . . . . . . . . .99mW
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Supply Voltage
VOUT = 1.024V, 1.25V, 1.5V, 2.048V . . . . . . . . . . . . . . . . . . . 2.2V to 5.5V
VOUT = 2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.6V to 5.5V
VOUT = 3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1V to 5.5V
VOUT = 3.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.4V to 5.5V
VOUT = 4.096V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See TB379 for details.
6. For
JC, the “case temp” location is taken at the package top center.
7. Post-reflow drift for the ISL21010 devices may shift up to 4.0mV based on simulated reflow at 260°C peak temperature, three passes. The system
design engineer must take this into account when considering the reference voltage after assembly.
Electrical Specifications (ISL21010-10, VOUT = 1.024V) VIN = 3.0V, TA = +25°C, IOUT = 0A, unless otherwise
specified.
Boldface limits apply across the operating temperature range, -40°C to +125°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT
Output Voltage
VOUT
1.024
V
VOUT Accuracy at TA = +25°C (Note 7)VOA
-0.2
+0.2
%
Output Voltage Temperature Coefficient (Note 9)TC VOUT
15
50
ppm/°C
Input Voltage Range
VIN
2.2
5.5
V
Supply Current
IIN
TA = +25°C
46
80
µA
TA = -40°C to +125°C
60
100
µA
Line Regulation
VOUT /VIN
2.2 V < VIN < 5.5V
5
100
µV/V
Load Regulation
VOUT/IOUT
Sourcing: 0mA
 IOUT  25mA
15
110
µV/mA
Sinking: -1mA
IOUT 0mA
17
µV/mA
Short-Circuit Current
ISC
TA = +25°C, VOUT tied to GND
118
mA
Turn-On Settling Time
tR
VOUT = ±0.1%, COUT = 1μF
300
µs
Ripple Rejection
f = 120Hz
70
dB
Output Voltage Noise
eN
0.1Hz
 f 10Hz
24
µVP-P
Broadband Voltage Noise
VN
10Hz
 f 1kHz
14
µVRMS
Thermal Hysteresis (Note 11)
VOUT/TA
TA = +165°C
100
ppm
Long Term Stability
VOUT/t
1000 hours, TA = +25°C
110
ppm


Số phần tương tự - ISL21010DFH312Z-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21010DFH312Z-T7A INTERSIL-ISL21010DFH312Z-T7A Datasheet
2Mb / 35P
   Micropower Voltage Reference
January 8, 2015
ISL21010DFH312Z-TK INTERSIL-ISL21010DFH312Z-TK Datasheet
1Mb / 20P
   Micropower Voltage Reference
ISL21010DFH312Z-TK INTERSIL-ISL21010DFH312Z-TK Datasheet
2Mb / 35P
   Micropower Voltage Reference
January 8, 2015
More results

Mô tả tương tự - ISL21010DFH312Z-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com