công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL28236 bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp |
|
ISL28236 bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp |
3 / 15 page ISL28236 FN6921 Rev 2.00 Page 3 of 15 July 24, 2014 Absolute Maximum Ratings (TA = +25°C) Thermal Information Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.75V Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.5V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Thermal Resistance (Typical Notes 4, 5) JA (°C/W) JC (°C/W) 8 Ld SOIC Package. . . . . . . . . . . . . . . . . . . . 120 60 8 Ld MSOP Package . . . . . . . . . . . . . . . . . . 160 55 Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493 Operating Conditions Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+125°C CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 5. For JC, the “case temp” location is taken at the package top center. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C. Temperature data established by characterization. PARAMETER DESCRIPTION TEST CONDITIONS MIN (Note 6)TYP MAX (Note 6)UNITS DC SPECIFICATIONS VOS Input Offset Voltage 8 Ld SOIC -240 -250 20 240 250 µV 8 Ld MSOP -270 -530 20 270 530 µV Input Offset Voltage vs Temperature 0.4 µV/°C IOS Input Offset Current 8 Ld SOIC TA = -40°C to +125°C -10 -30 210 30 nA 8 Ld MSOP TA = -40°C to +125°C -23 -50 223 50 nA IB Input Bias Current 8 Ld SOIC TA = -40°C to +125°C -40 -50 640 50 nA 8 Ld MSOP TA = -40°C to +125°C -50 -70 650 70 nA VCM Common-Mode Voltage Range Guaranteed by CMRR 0 5 V CMRR Common-Mode Rejection Ratio VCM = 0V to 5V 90 90 115 dB PSRR Power Supply Rejection Ratio V+ = 2.4V to 5.5V 90 90 100 dB AVOL Large Signal Voltage Gain 8 Ld SOIC VO = 0.5V to 4V, RL = 100KΩto VCM 600 500 1600 V/mV 8 Ld MSOP VO = 0.5V to 4V, RL = 100kΩto VCM 600 400 1600 V/mV VO = 0.5V to 4V, RL = 1kΩto VCM 100 V/mV V OS T ---------------- |
Số phần tương tự - ISL28236 |
|
Mô tả tương tự - ISL28236 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |