công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21007BFB820Z bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện ISL21007BFB820Z
Giải thích chi tiết về linh kiện  Precision, Low Noise FGA Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21007BFB820Z bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button ISL21007BFB820Z Datasheet HTML 2Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 3Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 4Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 5Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 6Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 7Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 8Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 9Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL21007
FN6326 Rev.12.00
Page 6 of 20
Jun 9, 2017
Electrical Specifications (ISL21007-30, VOUT = 3.000V) VIN=5.0V,TA=-40°Cto+125°C,unlessotherwisespecified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT
Input Voltage Range
VIN
3.2
5.5
V
Output Voltage
VOUT
3.000
V
Line Regulation
VOUT /VIN
3.2V ≤ VIN ≤ 5.5V
50
200
µV/V
Load Regulation
VOUT/IOUT
Sourcing: 0mA ≤ IOUT ≤ 7mA
10
100
µV/mA
Sinking: -7mA ≤ IOUT≤ 0mA
20
150
µV/mA
Short-Circuit Current
ISC
TA = +25°C, VOUT tied to GND
50
mA
Thermal Hysteresis (Note 8)
VOUT/TA
TA = +165°C
50
ppm
Long Term Stability (Note 9)
VOUT/tTA = +25°C
50
ppm
NOTES:
7. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +125°C = +165°C.
8. Thermal Hysteresis is the change of VOUT measured at TA = +25°C after temperature cycling over a specified range, TA. VOUT is read initially at
TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference between
the initial VOUT reading and the second VOUT reading is then expressed in ppm. For  TA = +165°C, the device under test is cycled from +25°C to
+125°C to -40°C to +25°C.
9. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately 10ppm/
(1kHrs).
10. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
Typical Performance Curves (ISL21007-12) (R
EXT = 100kΩ)
FIGURE 2. IIN vs VIN (3 UNITS)
FIGURE 3. IIN vs VIN OVER TEMPERATURE
FIGURE 4. LINE REGULATION (3 UNITS)
FIGURE 5. LINE REGULATION OVER TEMPERATURE
0
20
40
60
80
100
120
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
UNIT 3
UNIT 1
UNIT 2
60
65
70
75
80
85
90
95
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
+125°C
+25°C
-40°C
1.24980
1.24985
1.24990
1.24995
1.25000
1.25005
1.25010
1.25015
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
UNIT 3
UNIT 1
UNIT 2
-300
-250
-200
-150
-100
-50
0
50
100
150
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VIN (V)
+125°C
+25°C
-40°C


Số phần tương tự - ISL21007BFB820Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21007BFB820Z INTERSIL-ISL21007BFB820Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21007BFB820Z INTERSIL-ISL21007BFB820Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results

Mô tả tương tự - ISL21007BFB820Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com