công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL21007BFB820Z bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện ISL21007BFB820Z
Giải thích chi tiết về linh kiện  Precision, Low Noise FGA Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21007BFB820Z bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  ISL21007BFB820Z Datasheet HTML 1Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 2Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 3Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 4Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 5Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 6Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 7Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 8Page - Renesas Technology Corp ISL21007BFB820Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL21007
FN6326 Rev.12.00
Page 4 of 20
Jun 9, 2017
Absolute Voltage Ratings
Thermal Information
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . . . . . . . . . -0.5V to VOUT + 1
Voltage on “DNC” pins . . . . . . . . . No connections permitted to these pins.
ESD Rating
Human Body Model (HBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
Machine Model (MM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V
Charged Device Model (CDM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Environmental Operating Conditions
X-Ray Exposure (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mRem
Thermal Resistance (Typical, Note 5)
JA (°C/W)
8 Ld SOIC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
113.12
Continuous Power Dissipation (Note 5) . . . . . . . . . . . . . . . . . . . .TA = +70°C
8 Ld SOIC Derate 5.88mW/°C above +70°C. . . . . . . . . . . . . . . . . . 471mW
Pb-Free Reflow Profile (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature Range (Full Range Industrial) . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted,
all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTES:
4. Measured with no filtering, distance of 10” from source, intensity set to 55kV and 70mA current, 30s duration. Other exposure levels should be
analyzed for Output Voltage drift effects. See “Applications Information” on page 16.
5.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See tech brief TB379 for details.
6. Post-reflow drift for the ISL21007 devices will range from 100µV to 1.0mV based on experimental results with devices on FR4 double sided boards.
The design engineer must take this into account when considering the reference voltage after assembly.
Common Electrical Specifications (ISL21007-12, -20, -25, -30) T
A = -40°C to +125°C, unless otherwise
specified. Boldface limits apply across the operating temperature range, -40°C to +125°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT
VOUT Accuracy at TA = +25°C
VOA
ISL21007B
-0.5
+0.5
mV
ISL21007C
-1.0
+1.0
mV
ISL21007D
-2.0
+2.0
mV
Output Voltage Temperature
Coefficient (Note 7)
TC VOUT
ISL21007B
3
ppm/°C
ISL21007C
5
ppm/°C
ISL21007D
10
ppm/°C
Supply Current
IIN
75
150
µA
Trim Range
±2.0
±2.5
%
Turn-On Settling Time
tR
VOUT = ±0.1%
120
µs
Ripple Rejection
f = 10kHz
60
dB
Output Voltage Noise
eN
0.1Hz ≤ f ≤
10Hz
4.5
µVP-P
Broadband Voltage Noise
VN
10Hz ≤ f ≤
1kHz
2.2
µVRMS
Noise Density
f = 1kHz
60
nV/
Hz


Số phần tương tự - ISL21007BFB820Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21007BFB820Z INTERSIL-ISL21007BFB820Z Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21007BFB820Z INTERSIL-ISL21007BFB820Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results

Mô tả tương tự - ISL21007BFB820Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com