công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL25700 bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện ISL25700
Giải thích chi tiết về linh kiện  Programmable Temperature Controlled MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL25700 bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  ISL25700 Datasheet HTML 1Page - Renesas Technology Corp ISL25700 Datasheet HTML 2Page - Renesas Technology Corp ISL25700 Datasheet HTML 3Page - Renesas Technology Corp ISL25700 Datasheet HTML 4Page - Renesas Technology Corp ISL25700 Datasheet HTML 5Page - Renesas Technology Corp ISL25700 Datasheet HTML 6Page - Renesas Technology Corp ISL25700 Datasheet HTML 7Page - Renesas Technology Corp ISL25700 Datasheet HTML 8Page - Renesas Technology Corp ISL25700 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL25700
FN6885 Rev 1.00
Page 4 of 18
July 23, 2014
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
UNITS
PER REEL
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL25700FRUZ-T
GT
3000
-40 to +125
10 Ld 2.1x1.6 µTQFN
L10.2.1x1.6A
ISL25700FRUZ-TK
GT
1000
-40 to +125
10 Ld 2.1x1.6 µTQFN
L10.2.1x1.6A
ISL25700FRUZ-T7A
GT
250
-40 to +125
10 Ld 2.1x1.6 µTQFN
L10.2.1x1.6A
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate -
e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL25700. For more information on MSL please see techbrief TB363.


Số phần tương tự - ISL25700

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL25700 INTERSIL-ISL25700 Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-T INTERSIL-ISL25700FRUZ-T Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-T7A INTERSIL-ISL25700FRUZ-T7A Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-TK INTERSIL-ISL25700FRUZ-TK Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
More results

Mô tả tương tự - ISL25700

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL25700 INTERSIL-ISL25700 Datasheet
446Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
logo
Allegro MicroSystems
A3985 ALLEGRO-A3985 Datasheet
446Kb / 15P
   Digitally Programmable Dual Full-Bridge MOSFET Driver
logo
Linear Technology
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
   Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Texas Instruments
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
[Old version datasheet]   Programmable LED Driver
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
   Programmable LED Driver
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Epson Company
VG7050EAN EPSON-VG7050EAN Datasheet
427Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
VG7050ECN-SM20T007 EPSON-VG7050ECN-SM20T007 Datasheet
808Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com