công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12057IBZ bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện ISL12057IBZ
Giải thích chi tiết về linh kiện  Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12057IBZ bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  ISL12057IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL12057IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL12057
FN6755 Rev 2.00
Page 5 of 18
Sep 25, 2015
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of VDD,
until SDA exits the 30% to 70% of VDD
window.
900
ns
10
tBUF
Time the Bus Must Be Free
Before the Start of a New
Transmission
SDA crossing 70% of VDD during a
STOP condition, to SDA crossing 70%
of VDD during the following START
condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD crossing
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge.
Both crossing 70% of VDD
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30% of
VDD to SCL falling edge crossing 70%
of VDD
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of
VDD window, to SCL rising edge
crossing 30% of VDD
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 30% of
VDD to SDA entering the 30% to 70%
of VDD window
0
900
ns
tSU:STO STOP Condition Setup Time
From SCL rising edge crossing 70% of
VDD, to SDA rising edge crossing 30%
of VDD
600
ns
tHD:STO STOP Condition Hold Time
From SDA rising edge to SCL falling
edge. Both crossing 70% of VDD
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of
VDD, until SDA enters the 30% to 70%
of VDD window
0
ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 + 0.1 x Cb
300
ns
9
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 + 0.1 x Cb
300
ns
9, 10
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
9
Rpu
SDA and SCL Bus Pull-Up
Resistor Off-Chip
Maximum is determined by tR and tF
For Cb = 400pF, max is about
2k
 to~2.5k.
For Cb = 40pF, max is about 15k
to
~20k
1
k
9
NOTES:
6. IRQ1/FOUT inactive.
7. Typical values are for T = +25°C and 3.3V supply voltage.
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
9. These are I2C specific parameters and are not production tested; however, they are used to set conditions for testing devices to validate
specification.
10. Parts will work with SDA pull-up voltage above the VPULLUP limit but the tAA and tFin the I2C parameters are not guaranteed.
11. Specified at +25°C.
Serial Interface Specifications Over the recommended operating conditions unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
(Note 7)
MAX
(Note 8)
UNITS NOTES


Số phần tương tự - ISL12057IBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12057IBZ INTERSIL-ISL12057IBZ Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
ISL12057IBZ-T INTERSIL-ISL12057IBZ-T Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
More results

Mô tả tương tự - ISL12057IBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com