công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12022MIBZ bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện ISL12022MIBZ
Giải thích chi tiết về linh kiện  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12022MIBZ bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button ISL12022MIBZ Datasheet HTML 2Page - Renesas Technology Corp ISL12022MIBZ Datasheet HTML 3Page - Renesas Technology Corp ISL12022MIBZ Datasheet HTML 4Page - Renesas Technology Corp ISL12022MIBZ Datasheet HTML 5Page - Renesas Technology Corp ISL12022MIBZ Datasheet HTML 6Page - Renesas Technology Corp ISL12022MIBZ Datasheet HTML 7Page - Renesas Technology Corp ISL12022MIBZ Datasheet HTML 8Page - Renesas Technology Corp ISL12022MIBZ Datasheet HTML 9Page - Renesas Technology Corp ISL12022MIBZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ISL12022M
FN6668 Rev 9.00
Page 6 of 32
June 20, 2012
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT and IRQ/FOUT pins
(Respect to Ground) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on SCL and SDA pins
(Respect to Ground) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3014) . . . . . . . . . . >3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>2200V
Latch-up (Tested per JESD-78B, Class 2, Level A . . . . . . . . . . . . . . . 100mA
Shock Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . 5000g, 0.3ms, 1/2 sine
Vibration (Ultrasound Cleaning Not Advised) . . . . . . . . . . 20g/10-2000Hz
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
20 Lead SOIC (Notes 4, 5). . . . . . . . . . . . . . 70
35
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile (Note 6). . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the “case temp” location is on top of the package and measured in the center of the package between pins 6 and 15.
6. The ISL12022M Oscillator Initial Accuracy can change after solder reflow attachment. The amount of change will depend on the reflow temperature
and length of exposure. A general rule is to use only one reflow cycle and keep the temperature and time as short as possible. Changes on the order
of ±1ppm to ±3ppm can be expected with typical reflow profiles.
DC Operating Characteristics RTC Test Conditions: VDD = +2.7 to +5.5V, TA = -40°C to +85°C, unless otherwise stated. Boldface
limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7)
UNITS
NOTES
VDD
Main Power Supply
(Note 15)
2.7
5.5
V
VBAT
Battery Supply Voltage
(Note 15)
1.8
5.5
V9
IDD1
Supply Current. (I2CNot Active,
Temperature Conversion Not Active, FOUT
Not Active)
VDD = 5V
4.1
15
µA
10, 11
VDD = 3V
3.5
14
µA
10, 11
IDD2
Supply Current. (I2C Active, Temperature
Conversion Not Active, Fout Not Active)
VDD = 5V
200
500
µA
10, 11
IDD3
Supply Current. (I2CNot Active,
Temperature Conversion Active, FOUT Not
Active)
VDD = 5V
120
400
µA
10, 11
IBAT
Battery Supply Current
VDD = 0V, VBAT = 3V, TA = +25°C
1.0
1.6
µA
10
VDD = 0V, VBAT = 3V
1.0
5.0
µA
10
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
ILI
Input Leakage Current on SCL
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
ILO
I/O Leakage Current on SDA
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
VBATM
Battery Level Monitor Threshold
-100
+100
mV
VPBM
Brownout Level Monitor Threshold
-100
+100
mV
VTRIP
VBAT Mode Threshold
(Note 15)
2.0
2.2
2.4
V
VTRIPHYS VTRIP Hysteresis
30
mV
13
VBATHYS VBAT Hysteresis
50
mV
13


Số phần tương tự - ISL12022MIBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12022MIBZ INTERSIL-ISL12022MIBZ Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
ISL12022MIBZ INTERSIL-ISL12022MIBZ Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
ISL12022MIBZ INTERSIL-ISL12022MIBZ Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MIBZ RENESAS-ISL12022MIBZ Datasheet
1Mb / 33P
   Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL12022MIBZ-T INTERSIL-ISL12022MIBZ-T Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Mô tả tương tự - ISL12022MIBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com