công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12020MIRZ-EVALZ bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện ISL12020MIRZ-EVALZ
Giải thích chi tiết về linh kiện  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL12020MIRZ-EVALZ bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

Back Button ISL12020MIRZ-EVALZ Datasheet HTML 4Page - Renesas Technology Corp ISL12020MIRZ-EVALZ Datasheet HTML 5Page - Renesas Technology Corp ISL12020MIRZ-EVALZ Datasheet HTML 6Page - Renesas Technology Corp ISL12020MIRZ-EVALZ Datasheet HTML 7Page - Renesas Technology Corp ISL12020MIRZ-EVALZ Datasheet HTML 8Page - Renesas Technology Corp ISL12020MIRZ-EVALZ Datasheet HTML 9Page - Renesas Technology Corp ISL12020MIRZ-EVALZ Datasheet HTML 10Page - Renesas Technology Corp ISL12020MIRZ-EVALZ Datasheet HTML 11Page - Renesas Technology Corp ISL12020MIRZ-EVALZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ISL12020M
FN6667 Rev 6.00
Page 8 of 34
January 9, 2015
tHIGH
Clock HIGH Time
Measured at the 70% of VDD
crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA
falling edge. Both crossing
70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge
crossing 30% of VDD to SCL
falling edge crossing 70% of
VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to
70% of VDD window, to SCL
rising edge crossing 30% of
VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge
crossing 30% of VDD to SDA
entering the 30% to 70% of
VDD window.
20
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge
crossing 70% of VDD, to SDA
rising edge crossing 30% of
VDD.
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to SCL
falling edge. Both crossing
70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge
crossing 30% of VDD, until
SDA enters the 30% to 70%
of VDD window.
0
ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD.
20 + 0.1 x
Cb
300
ns
16
tF
SDA and SCL Fall Time
From 70% to 30% of VDD.
20 + 0.1 x
Cb
300
ns
16
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
16
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by
tR and tF.
For Cb = 400pF, max is
about 2kΩ~2.5kΩ.
For Cb = 40pF, max is about
15kΩ~20kΩ
1
16
NOTES:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
9. Specified at +25°C.
10. Minimum VDD and/or VBAT of 1V to sustain the SRAM. The value is based on characterization and it is not tested.
11. Temperature Conversion is inactive below VBAT = 2.7V. Device operation is not guaranteed at VBAT<1.8V.
12. IRQ/FOUT Inactive.
13. VDD > VBAT +VBATHYS
14. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
15. Limits should be considered typical and are not production tested.
16. These are I2C specific parameters and are not tested, however, they are used to set conditions for testing devices to validate
specification.
17. To avoid EEPROM recall issues, it is advised to use this minimum power up slew rate. Not tested, shown as typical only.
I2C Interface Specifications Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C, unless otherwise specified.
Boldface limits apply across the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
(Note 9)
MAX
(Note 8)
UNITS
NOTES


Số phần tương tự - ISL12020MIRZ-EVALZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12020MIRZ-EVALZ INTERSIL-ISL12020MIRZ-EVALZ Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Mô tả tương tự - ISL12020MIRZ-EVALZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com