công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS112C04 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS112C04
Giải thích chi tiết về linh kiện  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112C04 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS112C04 Datasheet HTML 1Page - Texas Instruments ADS112C04 Datasheet HTML 2Page - Texas Instruments ADS112C04 Datasheet HTML 3Page - Texas Instruments ADS112C04 Datasheet HTML 4Page - Texas Instruments ADS112C04 Datasheet HTML 5Page - Texas Instruments ADS112C04 Datasheet HTML 6Page - Texas Instruments ADS112C04 Datasheet HTML 7Page - Texas Instruments ADS112C04 Datasheet HTML 8Page - Texas Instruments ADS112C04 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
5
ADS112C04
www.ti.com
SBAS894 – APRIL 2018
Product Folder Links: ADS112C04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ADS112C04
UNIT
WQFN (RTE)
TSSOP (PW)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
57.7
90.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
29.0
31.7
°C/W
RθJB
Junction-to-board thermal resistance
19.9
41.8
°C/W
ψJT
Junction-to-top characterization parameter
0.3
1.8
°C/W
ψJB
Junction-to-board characterization parameter
19.8
41.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
11.8
N/A
°C/W
(1)
See the Noise Performance section for more information.
(2)
Excluding error of voltage reference.
6.5 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C; typical specifications are at TA = 25°C;
all specifications are at AVDD = 2.3 V to 5.5 V, AVSS = 0 V, DVDD = 3.3 V, PGA enabled, all data rates, and internal
reference enabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Absolute input current
PGA disabled, gain = 1 to 4, normal mode, VIN = 0 V
±5
nA
PGA disabled, gain = 1 to 4, turbo mode, VIN = 0 V
±10
Gain = 1 to 128, VIN = 0 V
±1
Absolute input current drift
PGA disabled, gain = 1 to 4, VIN = 0 V
10
pA/°C
Gain = 1 to 128, VIN = 0 V
5
Differential input current
PGA disabled, gain = 1 to 4, normal mode,
VCM = AVDD / 2, –VREF / Gain ≤ VIN ≤ VREF / Gain
±5
nA
PGA disabled, gain = 1 to 4, turbo mode,
VCM = AVDD / 2, –VREF / Gain ≤ VIN ≤ VREF / Gain
±10
Gain = 1 to 128,
VCM = AVDD / 2, –VREF / Gain ≤ VIN ≤ VREF / Gain
±1
Differential input current drift
PGA disabled, gain = 1 to 4,
VCM = AVDD / 2, –VREF / Gain ≤ VIN ≤ VREF / Gain
10
pA/°C
Gain = 1 to 128,
VCM = AVDD / 2, –VREF / Gain ≤ VIN ≤ VREF / Gain
2
SYSTEM PERFORMANCE
Resolution (no missing codes)
16
Bits
DR
Data rate
Normal mode
20, 45, 90, 175, 330, 600, 1000
SPS
Turbo mode
40, 90, 180, 350, 660, 1200, 2000
Noise (input-referred)(1)
Normal mode, gain = 128, DR = 20 SPS
490
nVRMS
INL
Integral nonlinearity
AVDD = 3.3 V, gain = 1 to 128, VCM = AVDD / 2,
external VREF, normal mode, best fit
–15
±6
15
ppmFSR
VIO
Input offset voltage
PGA disabled, gain = 1 to 4, differential inputs
±4
µV
Gain = 1, differential inputs, TA = 25°C
–150
±5
150
Gain = 2 to 128, differential inputs
±4
Offset drift vs temperature
PGA disabled, gain = 1 to 4
0.02
µV/°C
Gain = 1 to 128
0.1
0.6
Gain error(2)
PGA disabled, gain = 1 to 4
±0.01%
Gain = 1 to 32, TA = 25°C
–0.05%
±0.01%
0.05%
Gain = 64 to 128, TA = 25°C
–0.1%
±0.015%
0.1%
Gain drift vs temperature(2)
PGA disabled, gain = 1 to 4
0.5
ppm/°C
Gain = 1 to 32
0.5
2
Gain = 64 to 128
1
4


Số phần tương tự - ADS112C04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Mô tả tương tự - ADS112C04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com