công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA-T67D bảng dữ liệu(PDF) 1 Page - OSRAM GmbH

tên linh kiện LA-T67D
Giải thích chi tiết về linh kiện  white PLCC-2 package, colorless clear resin
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-T67D bảng dữ liệu(HTML) 1 Page - OSRAM GmbH

  LA-T67D Datasheet HTML 1Page - OSRAM GmbH LA-T67D Datasheet HTML 2Page - OSRAM GmbH LA-T67D Datasheet HTML 3Page - OSRAM GmbH LA-T67D Datasheet HTML 4Page - OSRAM GmbH LA-T67D Datasheet HTML 5Page - OSRAM GmbH LA-T67D Datasheet HTML 6Page - OSRAM GmbH LA-T67D Datasheet HTML 7Page - OSRAM GmbH LA-T67D Datasheet HTML 8Page - OSRAM GmbH LA-T67D Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2012-03-12
1
2012-03-12
TOPLED
Datasheet
Version 1.1
LA T67D
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage, ein qualitativ hochwertiges Produkt für alle
Arten von Anwendungen anzubieten.
Features:
Besondere Merkmale:
Package: white PLCC-2 package, colorless clear
resin
Gehäusetyp: white PLCC-2 package, farbloser
klarer Verguss
Technology: InGaAlP
Technologie: InGaAlP
Viewing angle at 50 % I
V: (typ.) 120°
(Lambertian Emitter)
Abstrahlwinkel bei 50 % I
V: (typ.) 120°
(Lambertscher Strahler)
Color: amber (617 nm)
Farbe: amber (617 nm)
ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
Applications
Anwendungen
Backlighting (LCD, switches, displays, illuminated
advertising, general lighting)
Hinterleuchtung (LCD, Schalter, Displays,
Werbebeleuchtung, Allgemeinbeleuchtung)
Interior automotive lighting (e.g. dashboard
backlighting etc.)
Innenbeleuchtung im Automobilbereich (z.B.
Instrumentenbeleuchtung u.ä.)
Marker lights (e.g. steps, exit ways, etc.)
Markierungsbeleuchtung (z.B, Stufen,
Fluchtwege, u.ä.)
Signal and symbol luminaire
Signal- und Symbolleuchten
Backlighting
Hinterleuchtung
Automotive Interior Lighting
Automobilbeleuchtung innen
Signal and Symbol Luminairy
Signal- und Symbolleuchten


Số phần tương tự - LA-T67D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LA-T676 OSRAM-LA-T676 Datasheet
1,008Kb / 22P
   white PLCC-2 package, colorless clear resin
LA-T67F OSRAM-LA-T67F Datasheet
493Kb / 20P
   white PLCC-2 package, colorless clear resin
LA-T67F OSRAM-LA-T67F Datasheet
579Kb / 15P
   white P-LCC-2 package, colorless clear resin
More results

Mô tả tương tự - LA-T67D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LG-T670 OSRAM-LG-T670 Datasheet
442Kb / 19P
   white PLCC-2 package, colorless clear resin
LO-T676 OSRAM-LO-T676 Datasheet
477Kb / 19P
   white PLCC-2 package, colorless clear resin
LS-T679 OSRAM-LS-T679 Datasheet
439Kb / 19P
   white PLCC-2 package, colorless clear resin
LT-T67C OSRAM-LT-T67C Datasheet
606Kb / 22P
   white PLCC-2 package, colorless clear resin
LP-T67F OSRAM-LP-T67F Datasheet
985Kb / 20P
   white PLCC-2 package, colorless clear resin
LG-T679 OSRAM-LG-T679 Datasheet
440Kb / 19P
   white PLCC-2 package, colorless clear resin
LY-T67K OSRAM-LY-T67K Datasheet
444Kb / 19P
   white PLCC-2 package, colorless clear resin
LY-T676 OSRAM-LY-T676 Datasheet
990Kb / 22P
   white PLCC-2 package, colorless clear resin
LY-T679 OSRAM-LY-T679 Datasheet
440Kb / 19P
   white PLCC-2 package, colorless clear resin
LT-TTSD OSRAM-LT-TTSD Datasheet
737Kb / 22P
   white PLCC-2 package, colorless clear resin
LG-T676 OSRAM-LG-T676 Datasheet
536Kb / 21P
   white PLCC-2 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com