công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAN8742G bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện FAN8742G
Giải thích chi tiết về linh kiện  Spindle Motor and 6-CH Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8742G bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  FAN8742G Datasheet HTML 1Page - Fairchild Semiconductor FAN8742G Datasheet HTML 2Page - Fairchild Semiconductor FAN8742G Datasheet HTML 3Page - Fairchild Semiconductor FAN8742G Datasheet HTML 4Page - Fairchild Semiconductor FAN8742G Datasheet HTML 5Page - Fairchild Semiconductor FAN8742G Datasheet HTML 6Page - Fairchild Semiconductor FAN8742G Datasheet HTML 7Page - Fairchild Semiconductor FAN8742G Datasheet HTML 8Page - Fairchild Semiconductor FAN8742G Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
www.fairchildsemi.com
FAN8741/FAN8742 Rev. 1.0.1
Pin Definitions
Pin Number
(exposed to bottom)
Pin Number
(exposed to top)
Pin Name
I/O
Pin Function Description
1
56
VM1
P
Power supply for spindle
2
55
HU+
A
Hall signal input(Hu+)
3
54
HU-
A
Hall signal input(Hu-)
4
53
HV+
A
Hall signal input(Hv+)
5
52
HV-
A
Hall signal input(Hv-)
6
51
HW+
A
Hall signal input(Hw+)
7
50
HW-
A
Hall signal input(Hw-)
8
49
VH
A
Hall bias
9
48
PGND1
P
Power ground 1 for spindle channel
10
47
U
A
3-phase output U for spindle
11
46
RSP1
A
Spindle current sensing 1
12
45
V
A
3-phase output V for spindle
13
44
PGND2
P
Power ground 2 for spindle channel
14
43
W
A
3-phase output W for spindle
15
42
RSP2
A
Spindle current sensing 2
16
41
SL1+
A
Sled channel 1 drive output +
17
40
SL1-
A
Sled channel 1 drive output -
18
39
SL2+
A
Sled channel 2 drive output +
19
38
SL2-
A
Sled channel 2 drive output -
20
37
PGND3
P
Power ground for sled channels
21
36
REF
A
Reference voltage input
22
35
MUTE1
A
Mute input 1
23
34
MUTE2
A
Mute input 2
24
33
RSL1
A
Sled current sensing 1
25
32
RSL2
A
Sled current sensing 2
26
31
VM2
P
Power supply for sled
27
30
SVCC2
P
Power supply for BTL Pre driver
28
29
SGND
P
Signal ground for BTL signal block
29
28
SLIN2
A
Sled channel 2 input
30
27
SLIN1
A
Sled channel 1 input
31
26
PVCC2
P
Power supply for BTL CH3
32
25
PVCC1
P
Power supply for BTL CH1/2
33
24
IN2
A
Channel 2 input
34
23
IN1
A
Channel 1 input
35
22
PGND4
P
Power ground for BTL CH1/2
36
21
DO1 +
A
Channel 1 drive output +
37
20
DO1 -
A
Channel 1 drive output -
38
19
DO2 +
A
Channel 2 drive output +
39
18
DO2 -
A
Channel 2 drive output -
40
17
DO3 +
A
Channel 3 drive output +
41
16
DO3 -
A
Channel 3 drive output -
42
15
PVCC3
P
Power supply for BTL CH4


Số phần tương tự - FAN8742G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702B FAIRCHILD-FAN8702B Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MP FAIRCHILD-FAN8702MP Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MPX FAIRCHILD-FAN8702MPX Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
More results

Mô tả tương tự - FAN8742G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8732CG FAIRCHILD-FAN8732CG Datasheet
322Kb / 20P
   Spindle motor and 5-CH actuator driver [Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com