công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2501SL bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2501SL
Giải thích chi tiết về linh kiện  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501SL bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2501SL Datasheet HTML 4Page - National Semiconductor (TI) LM2501SL Datasheet HTML 5Page - National Semiconductor (TI) LM2501SL Datasheet HTML 6Page - National Semiconductor (TI) LM2501SL Datasheet HTML 7Page - National Semiconductor (TI) LM2501SL Datasheet HTML 8Page - National Semiconductor (TI) LM2501SL Datasheet HTML 9Page - National Semiconductor (TI) LM2501SL Datasheet HTML 10Page - National Semiconductor (TI) LM2501SL Datasheet HTML 11Page - National Semiconductor (TI) LM2501SL Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Functional Description
SERIAL BUS OPERATION
Bus Overview
The MPL bus is a simple 2-signal line interface that is
intended to replace wide low voltage CMOS video busses
inside handheld portable devices. The MPL physical layer is
purpose-built for an extremely low power and low EMI data
transmission while requiring the fewest number of signal
lines. No external line components are required, as termina-
tion is provided internal to the MPL receiver. The MPL inter-
face is designed to be used with common 50
Ω lines using
standard materials and connectors. Lines may be microstrip
or stripline construction. Total length of the interconnect is
expected to be less than 0.3 meters. This device is meets
the requirements of the MPL-0 Standard (PHY Layer only).
SERIAL BUS TIMING
Data valid is relative to both edges as shown in Figure 4.
Data valid is specified as: Data Valid before Clock, Data
Valid after Clock, (Note relative to both edges).
SERIAL BUS PHASES
There are three bus phases on the MPL serial bus. These
are determined by the state of the MC and MD lines. Two of
the bus phases have options. The MPL bus phases are
shown in Table 1.
TABLE 1. MPL Bus Phases
Name
WC State
MC State
MD State
Phase Description
Pre-Phase
Post-Phase
OFF (O)
0
0
0
Bus is Powered-Off
na
I (WC)
Initialization (I)
WC
A
0
0
WC Start Up
O
I (MC)
MC/MD
A
A
0
MPL Start Up
I (WC)
A
Active (A)
A
A
X
Data Out (Write)
I (MC)
A or O
Notes on Line State: 0 = no current (off), L = Logic Low, H = Logic High, X = Low or High, A — Active Clock
20091602
FIGURE 4. Master-to-Slave Timing (MC, MDm)
www.national.com
8


Số phần tương tự - LM2501SL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 27P
[Old version datasheet]   42V, 1.0A Step-Down Switching Regulator
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010-Q1 TI1-LM25010-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results

Mô tả tương tự - LM2501SL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
[Old version datasheet]   LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com