công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2501SL bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2501SL
Giải thích chi tiết về linh kiện  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501SL bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  LM2501SL Datasheet HTML 1Page - National Semiconductor (TI) LM2501SL Datasheet HTML 2Page - National Semiconductor (TI) LM2501SL Datasheet HTML 3Page - National Semiconductor (TI) LM2501SL Datasheet HTML 4Page - National Semiconductor (TI) LM2501SL Datasheet HTML 5Page - National Semiconductor (TI) LM2501SL Datasheet HTML 6Page - National Semiconductor (TI) LM2501SL Datasheet HTML 7Page - National Semiconductor (TI) LM2501SL Datasheet HTML 8Page - National Semiconductor (TI) LM2501SL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DDA)
−0.3V to +TBDV
Supply Voltage (V
DD)
−0.3V to +TBDV
Supply Voltage (V
DDIO)
−0.3V to +TBDV
LVCMOS Input/Output Voltage
−0.3V to (V
DDIO
+0.3V)
MPL Input/Output Voltage
TBD
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature Soldering,
4 Seconds
+260˚C
ESD Ratings:
HBM, 1.5 k
Ω, 100pF
±2kV
EIAJ, 0
Ω, 200 pF
±200V
Maximum Package Power Dissipation Capacity at 25˚C
24L UCSP Package
TBD W
Derate TBD Package above 25˚C
TBD mW/˚C
Recommended Operating
Conditions
Min Typ
Max
Units
Supply Voltage
V
DDA to VSSA and
V
DD to VSS
2.9
3.0
3.1
V
V
DDIO to VSSIO
1.7
3.1
V
PLK Clock Frequency
4
16
MHz
WC Clock Frequency
4
28
MHz
Ambient Temperature
0
25
70
˚C
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MPL
I
OLL
Logic Low Current
4.8 I
B
5.0 I
B
5.3 I
B
µA
I
OMS
Mid Scale Current
3.0 I
B
µA
I
OHL
Logic High Current
0.8 I
B
1.0 I
B
1.2 I
B
µA
I
B
Current Bias
150
µA
LVCMOS (1.7V to 3.1V)
V
IH
Input Voltage High Level
0.7 V
DDIO
V
DDIO
+0.3
V
V
IL
Input Voltage Low Level
−0.3
0.3 V
DDIO
V
I
IN
Input Current (includes I
OZ)
−5
0
+5
µA
I
IH
Input Current High Level
−1
0
+1
µA
I
IL
Input Current Low Level
−1
0
+1
µA
V
OH
Output Voltage High Level
I
OH =−2mA
0.8 V
DDIO
V
V
OL
Output Voltage Low Level
I
OL = 2 mA
0.2 V
DDIO
V
I
OS
Output Short Circuit
Current
V
OUT =0V
TBD
mA
SUPPLY CURRENT
I
CC
Total Supply
Current — Enabled
PCLK = 16MHz
WC = 28MHz
MD = 0101-1010
pattern
C
L =15pF
Serializer
TBD
TBD
µA
Deserializer
TBD
TBD
µA
I
CCZ
Supply Current — Disable
Power_Down Mode PD* = L
1
10
µA
PD*=L
1
10
µA
www.national.com
4


Số phần tương tự - LM2501SL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 27P
[Old version datasheet]   42V, 1.0A Step-Down Switching Regulator
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010-Q1 TI1-LM25010-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results

Mô tả tương tự - LM2501SL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
[Old version datasheet]   LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com