công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1510 bảng dữ liệu(PDF) 8 Page - Gennum Corporation

tên linh kiện GS1510
Giải thích chi tiết về linh kiện  HDTV Serial Digital Deformatter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1510 bảng dữ liệu(HTML) 8 Page - Gennum Corporation

Back Button GS1510 Datasheet HTML 3Page - Gennum Corporation GS1510 Datasheet HTML 4Page - Gennum Corporation GS1510 Datasheet HTML 5Page - Gennum Corporation GS1510 Datasheet HTML 6Page - Gennum Corporation GS1510 Datasheet HTML 7Page - Gennum Corporation GS1510 Datasheet HTML 8Page - Gennum Corporation GS1510 Datasheet HTML 9Page - Gennum Corporation GS1510 Datasheet HTML 10Page - Gennum Corporation GS1510 Datasheet HTML 11Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
GENNUM CORPORATION
522 - 47 - 00
8
4. FLY WHEEL OPERATION
The flywheel logic will check the incoming video data for
valid video lines. If the incoming data represents a valid
line, the flywheel remains in sync with the incoming data. If
the incoming data represents an invalid line, the flywheel
will use the stored timing information for the past valid line
to generate the output HVF timing signals until three (3)
consecutive lines having identical timing are detected. In
this case, the new timing information will be saved and the
flywheel
operation
is
updated
to
this
new
timing.
Mismatches between the HVF information decoded from
the data stream and that indicated by the flywheel will
trigger the EAV_ERR and SAV_ERR signals as shown in
Figure 3. HVF output timing is shown in Figure 2.
5. AUTOMATIC SWITCH LINE LOCK HANDLING
The automatic switch line lock is based on the assumption
that the switching of video sources will only cause the H
signal to be out of alignment whereas V and F signals
remain in sync; i.e. switching between video sources of the
same format. Therefore, when in the automatic switch line
lock mode (FAST_LOCK transitions for low to high), the
flywheel positive H signal transition will align with the
detected positive H signal transition. Timing for the
FAST_LOCK signal is shown in Figure 5.
TABLE 1: Source Format Parameters
Reference SMPTE
Standard
260m
260m
295m
274m
274m
274m
274m
274m
274m
274m
274m
296m
296m
Format ID
A
B
C
D
E
F
G
H
I
J
K
L
M
Lines/Frame
1125
1125
1250
1125
1125
1125
1125
1125
1125
1125
1125
750
750
Words/Active Line
(each channel Y,
Cb/Cr)
1920
1920
1920
1920
1920
1920
1920
1920
1920
1920
1920
1280
1280
Total Active Lines
1035
1035
1080
1080
1080
1080
1080
1080
1080
1080
1080
720
720
Words/Total Line
(each channel Y,
Cb/Cr)
2200
2200
2376
2200
2200
2640
2200
2200
2640
2750
2750
1650
1650
Frame Rate (Hz)
30
30/M
25
30
30/M
25
30
30/M
25
24
24/M
60
60/M
Fields /Frame
222
222
1111
111
Data Rate Divisor
1
M
1
1
M
1
1
M
1
1
M
1
M
NOTE: M=1.001 in the above table.


Số phần tương tự - GS1510

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
More results

Mô tả tương tự - GS1510

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com