công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1087AKS-REEL7 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADM1087AKS-REEL7
Giải thích chi tiết về linh kiện  Simple Sequencers in 6-Lead SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1087AKS-REEL7 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADM1087AKS-REEL7 Datasheet HTML 5Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 6Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 7Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 8Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 9Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 10Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 11Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 12Page - Analog Devices ADM1087AKS-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM1085/ADM1086/ADM1087/ADM1088
Rev. 0 | Page 9 of 16
CIRCUIT INFORMATION
TIMING CHARACTERISTICS AND TRUTH TABLES
The enable outputs of the ADM1085/ADM1086/ADM1087/
ADM1088 are related to the VIN and enable inputs by a simple
AND function. The enable output is asserted only if the enable
input is asserted and the voltage at VIN is above VTH_RISING, with
the time delay elapsed. Table 5 and Table 6 show the enable
output logic states for different VIN/enable input combinations
when the capacitor delay has elapsed. The timing diagrams in
Figure 18 and Figure 19 give a graphical representation of how
the ADM1085/ADM1086/ADM1087/ADM1088 enable outputs
respond to VIN and enable input signals.
Table 5. ADM1085/ADM1086 Truth Table
VIN
ENIN
ENOUT
<VTH_FALLING
0
0
<VTH_FALLING
1
0
>VTH_RISING
0
0
>VTH_RISING
1
1
Table 6. ADM1087/ADM1088 Truth Table
VIN
ENIN
ENOUT
<VTH_FALLING
1
1
<VTH_FALLING
0
1
>VTH_RISING
1
1
>VTH_RISING
0
0
VIN
ENIN
ENOUT
tEN
VTH_RISING
VTH_FALLING
Figure 18. ADM1085/ADM1086 Timing Diagram
VIN
ENIN
ENOUT
tEN
VTH_RISING
VTH_FALLING
Figure 19. ADM1087/ADM1088 Timing Diagram
When VIN reaches the upper threshold voltage (VTH_RISING), an
internal circuit generates a delay (tEN) before the enable output
is asserted. If VIN drops below the lower threshold voltage
(VTH_FALLING), the enable output is deasserted immediately.
Similarly, if the enable input is disabled while VIN is above the
threshold, the enable output deasserts immediately. Unlike VIN, a
low-to-high transition on ENIN (or high-to-low on ENIN) does
not yield a time delay on ENOUT (ENOUT).
CAPACITOR-ADJUSTABLE DELAY CIRCUIT
Figure 20 shows the internal circuitry used to generate the time
delay on the enable output. A 250 nA current source charges a
small internal parasitic capacitance, CINT. When the capacitor
voltage reaches 1.2 V, the enable output is asserted. The time
taken for the capacitor to reach 1.2 V, in addition to the propa-
gation delay of the comparator, constitutes the enable timeout,
which is typically 35 µs.
To minimize the delay between VIN falling below VTH_FALLING and
the enable output de-asserting, an NMOS transistor is con-
nected in parallel with CINT. The output of the voltage detector
is connected to the gate of this transistor so that, when VIN falls
below VTH_FALLING, the transistor switches on and CINT discharges
quickly.
1.2V
C
CINT
CEXT
SIGNAL FROM
VOLTAGE
DETECTOR
TO AND GATE
AND OUTPUT
STAGE
VCC
250nA
Figure 20. Capacitor-Adjustable Delay Circuit
Connecting an external capacitor to the CEXT pin delays the
rise time—and therefore the enable timeout—further. The
relationship between the value of the external capacitor and the
resulting timeout is characterized by the following equation:
tEN = (C × 4.8 ×106) + 35 µs


Số phần tương tự - ADM1087AKS-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1087AKS-REEL7 AD-ADM1087AKS-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
More results

Mô tả tương tự - ADM1087AKS-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167_15 Datasheet
324Kb / 11P
   Analog Switch in 6-Pin SC70
logo
Analog Devices
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com