công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1087 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADM1087
Giải thích chi tiết về linh kiện  Simple Sequencers in 6-Lead SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1087 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADM1087 Datasheet HTML 1Page - Analog Devices ADM1087 Datasheet HTML 2Page - Analog Devices ADM1087 Datasheet HTML 3Page - Analog Devices ADM1087 Datasheet HTML 4Page - Analog Devices ADM1087 Datasheet HTML 5Page - Analog Devices ADM1087 Datasheet HTML 6Page - Analog Devices ADM1087 Datasheet HTML 7Page - Analog Devices ADM1087 Datasheet HTML 8Page - Analog Devices ADM1087 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Simple Sequencersin 6-Lead SC70
ADM1085/ADM1086/ADM1087/ADM1088
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Provide programmable time delays between enable
signals
Can be cascaded with power modules for multiple
supply sequencing
Power supply monitoring from 0.6 V
Output stages:
High voltage (up to 22 V) open-drain output
(ADM1085/ADM1087)
Push-pull output (ADM1086/ADM1088)
Capacitor-adjustable time delays
High voltage (up to 22 V) Enable and VIN inputs
Low power consumption (15 µA)
Specified over –40°C to +125°C temperature range
6-lead SC70 package
APPLICATIONS
Desktop/notebook computers, servers
Low power portable equipment
Routers
Base stations
Line cards
Graphics cards
FUNCTIONAL BLOCK DIAGRAMS
CAPACITOR
ADJUSTABLE
DELAY
0.6V
ADM1085/ADM1086
VIN
ENOUT
ENIN
CEXT
VCC
GND
CAPACITOR
ADJUSTABLE
DELAY
0.6V
ADM1087/ADM1088
VIN
ENOUT
ENIN
CEXT
VCC
GND
Figure 1.
GENERAL DESCRIPTION
The ADM1085/ADM1086/ADM1087/ADM1088 are simple
sequencing circuits that provide a time delay between the
enabling of voltage regulators and/or dc-dc converters at power-
up in multiple supply systems. When the output voltage of the
first power module reaches a preset threshold, a time delay is
initiated before an enable signal allows subsequent regulators to
power up. Any number of these devices can be cascaded with
regulators to allow sequencing of multiple power supplies.
Threshold levels can be set with a pair of external resistors in a
voltage divider configuration. By choosing appropriate resistor
values, the threshold can be adjusted to monitor voltages as low
as 0.6 V.
The ADM1086 and ADM1088 have push-pull output stages,
with active-high (ENOUT) and active-low (ENOUT) logic
outputs, respectively. The ADM1085 has an active-high
(ENOUT) logic output; the ADM1087 has an active-low
(ENOUT) output. Both the ADM1085 and ADM1087 have
open-drain output stages that can be pulled up to voltage levels
as high as 22 V through an external resistor. This level-shifting
property ensures compatibility with enable input logic levels of
different regulators and converters.
All four models have a dedicated enable input pin that allows
the output signal to the regulator to be controlled externally.
This is an active-high input (ENIN) for the ADM1085 and
ADM1086, and an active-low input (ENIN) for the ADM1087
and ADM1088.
The simple sequencers are specified over the extended −40°C to
+125°C temperature range. With low current consumption of 15
µA (typ) and 6-lead SC70 packaging, the parts are suitable for
low-power portable applications.
Table 1. Selection Table
Output Stage
Part No.
Enable Input
ENOUT
ENOUT
ADM1085
ENIN
Open-Drain
ADM1086
ENIN
Push-Pull
ADM1087
ENIN
Open-Drain
ADM1088
ENIN
Push-Pull


Số phần tương tự - ADM1087

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1087AKS-REEL7 AD-ADM1087AKS-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM1087AKSZ-REEL7 AD-ADM1087AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
More results

Mô tả tương tự - ADM1087

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1085AKSZ-REEL7 AD-ADM1085AKSZ-REEL7 Datasheet
299Kb / 16P
   Simple Sequencers in 6-Lead SC7
REV. A
ADM6820 AD-ADM6820_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819_15 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
ADM6819 AD-ADM6819 Datasheet
215Kb / 12P
   FET Drive Simple Sequencers
REV. 0
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
logo
SG Micro Corp
SGM3167 SGMICRO-SGM3167_15 Datasheet
324Kb / 11P
   Analog Switch in 6-Pin SC70
logo
Analog Devices
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com