công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14D88-RF45I bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện STK14D88-RF45I
Giải thích chi tiết về linh kiện  32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK14D88-RF45I bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STK14D88-RF45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14D88-RF45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14D88-RF45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14D88-RF45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14D88-RF45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14D88-RF45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14D88-RF45I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14D88-RF45I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14D88-RF45I Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STK14D88
April 2005
Document Control #ML0033 rev 1.2
7
MODE SELECTION
E
W
G
A13 - A0
MODE
I/O
POWER
NOTES
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x03F8
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Autostore Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
i
, j, k
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x07F0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Autostore Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active
i
, j, k
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Store
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
ICC2
i
, j, k
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
i
, j, k
Notes
i: The six consecutive addresses must be in the order listed. W
must be high during all six consecutive cycles to enable a nonvolatile cycle.
j: While there are 15 addresses on the STK14D88, only the lower 14 are used to control software modes
k: I/O state depends on the state of G . The I/O table shown assumes G
low.


Số phần tương tự - STK14D88-RF45I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK14D88-RF45I SIMTEK-STK14D88-RF45I Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88-RF45I SIMTEK-STK14D88-RF45I Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88-RF45ITR SIMTEK-STK14D88-RF45ITR Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88-RF45ITR SIMTEK-STK14D88-RF45ITR Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
More results

Mô tả tương tự - STK14D88-RF45I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com