công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAN8831 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện FAN8831
Giải thích chi tiết về linh kiện  Sinusoidal Piezoelectric Actuator Driver Step-Up DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN8831 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button FAN8831 Datasheet HTML 3Page - ON Semiconductor FAN8831 Datasheet HTML 4Page - ON Semiconductor FAN8831 Datasheet HTML 5Page - ON Semiconductor FAN8831 Datasheet HTML 6Page - ON Semiconductor FAN8831 Datasheet HTML 7Page - ON Semiconductor FAN8831 Datasheet HTML 8Page - ON Semiconductor FAN8831 Datasheet HTML 9Page - ON Semiconductor FAN8831 Datasheet HTML 10Page - ON Semiconductor FAN8831 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2014 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN8831
• Rev. 1.0
6
Electrical Characteristics
VDD=3.0 V, VIN=15.0 V, VDRV=60 V, RT=70 K and TA=-40°C to +125°C. Typical values TA=25°C, unless otherwise
specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Step-Up Switch Section
RDSON
N-Channel On Resistance
VDD=3.3 V, TA=25°C
0.2
0.5
Ω
ILK_LX
LX Leakage Current
VLX=36 V
1.0
µA
Oscillator Section
fOSC
Operating Frequency
RT=58 K
Ω
40
50
60
KHz
RT=121 K
Ω
20
25
30
KHz
Logic (EN and INPUT) Section
VINPUT+
INPUT Logic High Threshold Voltage
1.34
V
VINPUT-
INPUT Logic Low Threshold Voltage
0.5
V
IINPUT-
Input Low Current for INPUT and EN
VEN=0 V
1
µA
IINPUT+
Input High Current for INPUT and EN
VEN=VDD
8
12
16
µA
RINPUT
Input Logic Pull-Down Resistance
VEN= VINPUT=3 V
250
375
K
Ω
fINPUT
Input Logic Operating Frequency
(8)
20
1000
Hz
Full-Bridge Switch Section
RDS,ONP
Output Upper-Side On Resistance
TA=25°C
3.0
5.0
Ω
RDS,ONN
Output Low-Side On Resistance
TA=25°C
3.0
5.0
Ω
Output Control Section
VADJ,MAX
Analog Output Control Maximum Voltage
(8)
VDRV=100% of Target
1.0
V
VADJ,MIN
Analog Output Control Minimum Voltage
(8)
0.1
V
IADJ+
Internal Current Source for ADJ Pin
TA=25°C
9
10
11
µA
Protection (Ready, OVP and TSD)
VREADY
Output Ready Threshold Voltage
0.75
0.80
0.85
V
HYREADY
Output Ready Hysteresis
0.2
V
VOVP_FB
OVP Threshold Voltage at FB Pin
1.05
1.10
1.15
V
HYOVP_FB
OVP Hysteresis Voltage at FB Pin
0.1
V
VOVP_OVP
OVP Threshold Voltage at OVP Pin
1.10
1.15
1.20
V
HYOVP_OVP
OVP Hysteresis Voltage at OVP Pin
0.15
V
TSD
Thermal Shutdown Temperature
(8)
150
°C
THYS
Hysteresis Temperature of TSD
(8)
50
°C
TFO
Fault Output Duration
20
30
µs
VFOL
Fault Output Low Level Voltage
RPU=50 K
Ω, VPU=3 V
0.1
0.4
V
Note:
8.
This parameter, although guaranteed by design, is not tested in production.


Số phần tương tự - FAN8831

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
   Single IGBT Gate Driver
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811MNTXG ONSEMI-FAN8811MNTXG Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
FAN8811TMPX ONSEMI-FAN8811TMPX Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
More results

Mô tả tương tự - FAN8831

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FAN8841 ONSEMI-FAN8841 Datasheet
737Kb / 16P
   Dual Half-Bridge Piezoelectric Driver with Step-up DC-DC Converter
June 2015 Rev. 1.0
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com