công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAN8831 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện FAN8831
Giải thích chi tiết về linh kiện  Sinusoidal Piezoelectric Actuator Driver Step-Up DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN8831 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  FAN8831 Datasheet HTML 1Page - ON Semiconductor FAN8831 Datasheet HTML 2Page - ON Semiconductor FAN8831 Datasheet HTML 3Page - ON Semiconductor FAN8831 Datasheet HTML 4Page - ON Semiconductor FAN8831 Datasheet HTML 5Page - ON Semiconductor FAN8831 Datasheet HTML 6Page - ON Semiconductor FAN8831 Datasheet HTML 7Page - ON Semiconductor FAN8831 Datasheet HTML 8Page - ON Semiconductor FAN8831 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2014 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN8831
• Rev. 1.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDRV
DC Link Input Voltage Drain-Source Voltage of each MOSFET
75
V
VDD
DC Supply Voltage for DC-DC Converter
-0.3
5.5
V
VIN,DCDC EN, INPUT, FB and COMP to SGND
-0.3
VDD +0.3
V
VIN
DC Supply Voltage for LDO
-0.3
75
V
VLX
LX to PGND
-0.3
36
V
PD
Power Dissipation
(2)
1S0P with thermal vias
(3)
0.98
W
1S2P with thermal vias
(4)
2.9
θJA
Thermal Resistance Junction-Air
(2)
1S0P with thermal vias
(3)
127
°C/W
1S2P with thermal vias
(4)
43
TA
Operating Ambient Temperature Range
-40
125
°C
TJ
Operating Junction Temperature
-55
150
°C
TSTG
Storage Temperature Range
-55
150
°C
ESD
Electrostatic Discharge
Capability
Human Body Model, JESD22-A114
2
KV
Charged Device Model, JESD22-C101
500
V
Notes:
1.
All voltage values, except differential voltages, are given with respect to SGND, AGND and PGND pin.
2.
JEDEC standard: JESD51-2, JESD51-3. Mounted on 76.2×114.3×1.6mm PCB (FR-4 glass epoxy material).
3.
1S0P with thermal vias: one signal layer with zero power plane and thermal vias.
4.
1S2P with thermal vias: one signal layer with two power plane and thermal vias.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDRV
Supply Voltage for Full-Bridge Driver
30
60
V
VLX
Boost Switch Voltage
10
30
V
VDD
Operating Voltage for DC-DC Converter
2.7
3.0
3.3
V
VIN
Operating Voltage for Voltage Regulator
10
60
V
ROCP
Current Limit Control Resistor
7.0
150
k
Ω


Số phần tương tự - FAN8831

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
   Single IGBT Gate Driver
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811MNTXG ONSEMI-FAN8811MNTXG Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
FAN8811TMPX ONSEMI-FAN8811TMPX Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
More results

Mô tả tương tự - FAN8831

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FAN8841 ONSEMI-FAN8841 Datasheet
737Kb / 16P
   Dual Half-Bridge Piezoelectric Driver with Step-up DC-DC Converter
June 2015 Rev. 1.0
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com