công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA15584 bảng dữ liệu(PDF) 4 Page - Ledil, Inc.

tên linh kiện CA15584
Giải thích chi tiết về linh kiện  ~340째 decorative beam. Assembly with installation tape.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEDIL [Ledil, Inc.]
Trang chủ  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA15584 bảng dữ liệu(HTML) 4 Page - Ledil, Inc.

  CA15584 Datasheet HTML 1Page - Ledil, Inc. CA15584 Datasheet HTML 2Page - Ledil, Inc. CA15584 Datasheet HTML 3Page - Ledil, Inc. CA15584 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRODUCT
DATASHEET
CA15584_ZORYA-MINI-TAPE
GENERAL INFORMATION:
NOTE: The typical beam angle will be changed by different color, chip size
and chip position tolerance. The typical total beam angle is the full angle
measured where the luminous intensity is half of the peak value.
MATERIALS:
As part of our continuous research and improvement processes, and to ensure
the best possible quality and availability of our products, LEDiL reserves the
right to change material grades without notice.
PRODUCT DATA USER AGREEMENT AND DISCLAIMER:
The measured data in the provided downloadable LEDiL Product Datasheets
and Mechanical 2D-Drawings is rounded and provided as reference for
planning. LEDiL Oy's optical specifications have been verified by conducting
performance testing of the products in accordance with the company's quality
system. The reported data are averaged results of multiple measurements with
typical variation. LEDiL Oy reserves the right to without prior notification make
changes and improvements to its products.
LEDiL Oy assumes neither warranty, nor guarantee nor any other liability of
any kind for the contents and correctness of the provided data. The provided
data has been generated with highest diligence but the provided data may in
reality not represent the complete possible variation range of all intrinsic
parameters. Therefore, in certain cases a deviation from the provided data
could occur.
LEDiL Oy reserves the right to undertake technical changes of its products
without further notification which could lead to changes in the provided data.
LEDiL Oy assumes no liability of any kind for the possible deviation from any
provided data or any other damage resulting from the usage of the provided
data.
The user agrees to this disclaimer and user agreement with the download or
usage of the provided files.
LEDiL Oy
Joensuunkatu 13
FI-24240 SALO
Finland
LEDiL Inc.
228 West Page Street
Suite D
Sycamore IL 60178
USA
Local sales and technical
support
www.ledil.com/
where_to_buy
Shipping locations
Salo, Finland
Hong Kong, China
Distribution Partners
www.ledil.com/
where_to_buy
Last update: 07/02/2018
Subject to change without prior notice
4/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Số phần tương tự - CA15584

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA1558 INTERSIL-CA1558 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Harris Corporation
CA1558 HARRIS-CA1558 Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA1558E INTERSIL-CA1558E Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA1558E INTERSIL-CA1558E Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA1558T INTERSIL-CA1558T Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
More results

Mô tả tương tự - CA15584

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ledil, Inc.
F15074 LEDIL-F15074 Datasheet
3Mb / 4P
   ~340째 decorative beam
FP15073 LEDIL-FP15073 Datasheet
5Mb / 9P
   ~340째 decorative beam. Assembly with ZORYA adapter.
C15419 LEDIL-C15419 Datasheet
2Mb / 4P
   ~340째 decorative beam
FP15072 LEDIL-FP15072 Datasheet
3Mb / 9P
   ~340째 decorative beam
CA13156 LEDIL-CA13156_18 Datasheet
3Mb / 10P
   Asymmetric beam. Assembly with installation tape.
CA16435 LEDIL-CA16435 Datasheet
1Mb / 6P
   Asymmetric beam. Assembly with installation tape.
CA16370 LEDIL-CA16370 Datasheet
2Mb / 4P
   ~60째 beam. Assembly with installation tape
CA16372 LEDIL-CA16372 Datasheet
1Mb / 4P
   ~90째 beam. Assembly with installation tape
CA14591 LEDIL-CA14591 Datasheet
4Mb / 4P
   ~85째 wide beam. Assembly with installation tape.
FA16987 LEDIL-FA16987 Datasheet
3Mb / 4P
   ~20째 medium beam. Assembly with installation tape.
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com