công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STV0680A-002 bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STV0680A-002
Giải thích chi tiết về linh kiện  Low Cost Digital Camera (LCDC) Chipset
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680A-002 bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STV0680A-002 Datasheet HTML 6Page - STMicroelectronics STV0680A-002 Datasheet HTML 7Page - STMicroelectronics STV0680A-002 Datasheet HTML 8Page - STMicroelectronics STV0680A-002 Datasheet HTML 9Page - STMicroelectronics STV0680A-002 Datasheet HTML 10Page - STMicroelectronics STV0680A-002 Datasheet HTML 11Page - STMicroelectronics STV0680A-002 Datasheet HTML 12Page - STMicroelectronics STV0680A-002 Datasheet HTML 13Page - STMicroelectronics STV0680A-002 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
10
STV0680F_contents.fm
2.
Detailed features
2.1
Sensor type and image formats
The sensor type is auto-detected by STV0680A, which ensures that the correct sensor timing is enabled, and the correct image
resolutions are enabled, as shown in Table 4.
For stills photography, ‘High’ or ‘Low’ resolution mode can be selected, to give CIF or QCIF pictures from a CIF sensor, and VGA
or QVGA from a VGA sensor (see Table 4 and Section 3.7). Reduced resolution allows for storage of more images. Images
captured in both ‘High’ and ‘Low’ resolution can be stored in camera memory at the same time. Therefore there is no need for
images stored in memory to be cleared before changing image resolution.
Where USB is connected, the host PC software (through a Video for Windows driver) can activate tethered video mode,
regardless of the user inputs to the camera buttons. In this case, the image resolution is controlled by the PC driver..
2.1.1
VV6444
VV6444 is a CIF resolution, 5V CMOS imaging sensor. A brief specification is shown in Section 7. VV6444 has the same
functionality and array size as the un-microlensed VV6404 sensor, but has a microlensed array and different colour
characteristics. Although the VV64444 and VV6404 are electrically identical, the STV0680 and STV0680A use the correct
Sensor
Sensor
Image Size
Resolution
mode
Final Image Size
Max. no. of
images
stored in
16MBit
memory
Max. no. of
images
stored in
64MBit
memory
Approximate
VfW framerate
(*)
VV6444/
6410
CIF 352 x 288
High
CIF 352 x 288
20
80
9 frames/sec
Low
QCIF 176 x 144
(Subsampled)
80
320
(see notes)
25 frames/sec
VV6500
VGA 640 x 480
High
VGA 640 x 480
(6)
26
2 frames/sec
Low
QVGA 320 x 240
(Subsampled)
(24)
106
12 frames/sec
Table 4 : Image modes supported (STV0680A-002)
*Notes:
1. VfW framerate is dependant on PC performance and USB bus loading
2. Not all image sizes are supported by all STV0680/680A variants - see Table 2 for clarification.
3. A CIF camera with STV0680A-002 and 64Mbit SDRAM can store up to 320 images by using QCIF mode. Where >99 images
are still available, the LCD display will remain at 99. Where (no. of images available) <99, the LCD display will show the
number of images available, as is the case with all other modes.
Sensor
Sensor
Image
Size
Resolution
mode
Final Image Size
Max. no. of
images
stored in
16MBit
memory
VV6444
CIF 352 x
288
High
CIF 352 x 288
20
Low
QCIF 176 x 144
(Subsampled)
80
Table 5 : Image modes supported (STV0680-001)


Số phần tương tự - STV0680A-002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STV0680 STMICROELECTRONICS-STV0680 Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
STV0680B STMICROELECTRONICS-STV0680B Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
STV0680B-001 STMICROELECTRONICS-STV0680B-001 Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
STV0680B-001 STMICROELECTRONICS-STV0680B-001 Datasheet
1Mb / 105P
   Mono and Colour Digital Video CMOS Image Sensors
STV0680B-003 STMICROELECTRONICS-STV0680B-003 Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
More results

Mô tả tương tự - STV0680A-002

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
STV0680B STMICROELECTRONICS-STV0680B Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com