công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD1584BRT-REEL7 bảng dữ liệu(PDF) 5 Page - Analog Devices |
|
AD1584BRT-REEL7 bảng dữ liệu(HTML) 5 Page - Analog Devices |
5 / 16 page –5– REV. D AD1582/AD1583/AD1584/AD1585 AD1585–SPECIFICATIONS AD1585A AD1585B AD1585C Parameter Min Typ Max Min Typ Max Min Typ Max Unit OUTPUT VOLTAGE (@ 25 °C) VO 4.950 5.000 5.050 4.995 5.000 5.005 4.990 5.000 5.010 V INITIAL ACCURACY ERROR (@ 25 °C) VOERR –50 +50 –5 +5 –10 +10 mV –1.0 +1.0 –0.10 +0.10 –0.20 +0.20 % OUTPUT VOLTAGE TEMPERATURE DRIFT 100 50 50 ppm/ °C TEMPERATURE COEFFICIENT (TCVO) –40 °C < T A < +125 °C40 100 18 50 18 50 ppm/ °C 0 °C < T A < 70 °C351515 ppm/ °C MINIMUM SUPPLY HEADROOM (VIN–VOUT) 200 200 200 mV LOAD REGULATION 0 mA < IOUT < 5 mA (–40 °C to +85°C) 0.40 0.40 0.40 mV/mA 0 mA < IOUT < 5 mA (–40 °C to +125°C) 0.6 0.6 0.6 mV/mA –5 mA < IOUT < 0 mA (–40 °C to +85°C) 0.40 0.40 0.40 mV/mA –5 mA < IOUT < 0 mA (–40 °C to +125°C) 0.6 0.6 0.6 mV/mA –0.1 mA < IOUT < +0.1 mA (–40 °C to +85°C) 4 4 4 mV/mA –0.1 mA < IOUT < +0.1 mA (–40 °C to +125°C) 4.8 4.8 4.8 mV/mA LINE REGULATION VOUT 200 mV < VIN < 12 V IOUT = 0 mA 25 25 25 µV/V RIPPLE REJECTION ( ∆V OUT/ ∆V IN) VIN = 6 V ± 100 mV (f = 120 Hz) 80 80 80 dB QUIESCENT CURRENT 70 70 70 µA SHORT-CIRCUIT CURRENT TO GROUND 15 15 15 mA NOISE VOLTAGE (@ 25 °C) 0.1 Hz to 10 Hz 140 140 140 µV p-p 10 Hz to 10 kHz 100 100 100 µV rms TURN-ON SETTLING TIME TO 0.1% CL = 0.2 µF 175 175 175 µs LONG-TERM STABILITY 1000 Hours @ 25 °C 100 100 100 ppm/1000 hrs. OUTPUT VOLTAGE HYSTERESIS 115 115 115 ppm TEMPERATURE RANGE Specified Performance (A, B, C) –40 +125 –40 +125 –40 +125 °C Operating Performance (A, B, C) –55 +125 –55 +125 –55 +125 °C Specifications subject to change without notice. (@ TA = TMIN to TMAX, VIN = 6 V, unless otherwise noted.) |
Số phần tương tự - AD1584BRT-REEL7 |
|
Mô tả tương tự - AD1584BRT-REEL7 |