công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA-C9SM bảng dữ liệu(PDF) 10 Page - OSRAM GmbH

tên linh kiện LA-C9SM
Giải thích chi tiết về linh kiện  SMD ceramic package with silicon resin
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-C9SM bảng dữ liệu(HTML) 10 Page - OSRAM GmbH

Back Button LA-C9SM Datasheet HTML 6Page - OSRAM GmbH LA-C9SM Datasheet HTML 7Page - OSRAM GmbH LA-C9SM Datasheet HTML 8Page - OSRAM GmbH LA-C9SM Datasheet HTML 9Page - OSRAM GmbH LA-C9SM Datasheet HTML 10Page - OSRAM GmbH LA-C9SM Datasheet HTML 11Page - OSRAM GmbH LA-C9SM Datasheet HTML 12Page - OSRAM GmbH LA-C9SM Datasheet HTML 13Page - OSRAM GmbH LA-C9SM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2010-03-08
10
Released
LA C9SM, LY C9SM
Empfohlenes Lötpaddesign
8) Seite 15
Reflow Löten
Recommended Solder Pad
8) page 15
Reflow Soldering
Hinweise zur Augensicherheit:
Wegen der geplanten Streichung der LED aus der IEC 60825 erfolgt die Bewertung der Augesicherheit nach dem
Standard CIE S009/E:2002 ("photobiological safety of lamps and lamp systems")
Im Risikogruppensystem dieser CIE- Norm erfüllen die in diesem Datenblatt angegebenen LED die "low risk"- Gruppe
(die die sich im "sichtbaren" Spektralbereich auf eine Expositionsdauer von 100 s bezieht). Unter realen Umständen
(für Expositionsdauer, Augenpupille, Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei
Augengefährdung aus.
Grundsätzlich sollte jedoch erwähnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes
sekundäres Gefahrenpotenzial besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch,
können temporär eingeschränktes Sehvermögen und Nachbilder je nach Situation zu Irritationen, Belästigungen,
Beeinträchtigungen oder sogar Unfällen führen.
Eye safety Information:
Due to the planned cancellation of the LED from IEC 60825, the evaluation of eye safety occurs according to the
standard CIE S009/E:2002 ("photobiological safety of lamps and lamp systems").
Within the risk grouping system of this CIE standard, the LEDs specified in this data sheet fall into the "low risk" group
(relating to devices in the visible spectrum with an exposure time of 100 s). Under real circumstances (for exposure
time, eye pupils, observation distance), it is assumed that no endangerment to the eye exists from these devices.
As a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure
potential due to their blinding effect. As is also true when viewing other bright light sources (e.g. headlights), temporary
reduction in visual acuity and afterimages can occur, leading to irritation, annoyance, visual impairment, and even
accidents, depending on the situation.
OHLY2868
3 (0.118)
3 (0.118)
0.6 (0.024)
1.2 (0.047)
0.35 (0.014)


Số phần tương tự - LA-C9SM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LA-CN5M OSRAM-LA-CN5M Datasheet
547Kb / 16P
   SMD ceramic package with silicon resin with lens
LA-CP7P OSRAM-LA-CP7P Datasheet
884Kb / 20P
   SMT ceramic package with silicone resin and silicone lens
LA-CPDP OSRAM-LA-CPDP Datasheet
1Mb / 23P
   SMT ceramic package with silicone resin and silicone lens
More results

Mô tả tương tự - LA-C9SM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LW-C9SP OSRAM-LW-C9SP Datasheet
612Kb / 18P
   SMD ceramic package with silicon resin
LUW-C9SP OSRAM-LUW-C9SP Datasheet
590Kb / 18P
   SMD ceramic package with silicon resin
LUW-C9SN OSRAM-LUW-C9SN Datasheet
369Kb / 18P
   SMD ceramic package with silicon resin
LAC9SM OSRAM-LAC9SM Datasheet
276Kb / 15P
   SMD ceramic package with silicon resin
LUWC9SN OSRAM-LUWC9SN Datasheet
369Kb / 18P
   SMD ceramic package with silicon resin
LWC9SN OSRAM-LWC9SN Datasheet
576Kb / 17P
   SMD ceramic package with silicon resin
LUWC9SP OSRAM-LUWC9SP Datasheet
590Kb / 18P
   SMD ceramic package with silicon resin
LW-C9SN OSRAM-LW-C9SN Datasheet
576Kb / 17P
   SMD ceramic package with silicon resin
LWC9SP OSRAM-LWC9SP Datasheet
612Kb / 18P
   SMD ceramic package with silicon resin
LACPDP OSRAM-LACPDP Datasheet
416Kb / 20P
   SMD ceramic package with silicon resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com