công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74F138J bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC74F138J
Giải thích chi tiết về linh kiện  1-OF-8 DECODER/ DEMULTIPLEXER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F138J bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC74F138J Datasheet HTML 1Page - Motorola, Inc MC74F138J Datasheet HTML 2Page - Motorola, Inc MC74F138J Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-54
FAST AND LS TTL DATA
MC54/74F138
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54, 74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
54
–55
25
125
°C
74
0
25
70
IOH
Output Current — High
54, 74
–1.0
mA
IOL
Output Current — Low
54, 74
20
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
–1.2
V
VCC = MIN, IIN = –18 mA
VOH
Output HIGH Voltage
54, 74
2.5
V
IOH = –1.0 mA
VCC = 4.50 V
74
2.7
V
IOH = –1.0 mA
VCC = 4.75 V
VOL
Output LOW Voltage
0.5
V
IOL = 20 mA
VCC = MIN
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
–0.6
mA
VCC = MAX, VIN = 0.5 V
IOS
Output Short Circuit Current (Note 2)
–60
–150
mA
VCC = MAX, VOUT = 0 V
ICC
Power Supply Current
20
mA
VCC = MAX
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable device type.
2. Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS
54/74F
54F
74F
TA = +25 °C
TA = +25°C to +125°C
TA = 0°C to 70°C
Levels
VCC = +5.0 V
VCC = 5.0 V ±10%
VCC = 5.0 V ±10%
of
CL = 50 pF
CL = 50 pF
CL = 50 pF
Symbol
Parameter
Delay
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay,
3
3.0
7.5
3.0
12
3.0
8.5
ns
tPHL
Address to Output
3.0
8.0
3.0
9.5
3.0
9.0
tPLH
Enable to Output
2
3.5
7.0
3.5
11
3.5
8.0
ns
tPHL
E1 or E2
3.0
7.0
3.0
8.0
3.0
7.5
tPLH
Enable to Output
3
4.0
8.0
4.0
12.5
4.0
9.0
ns
tPHL
E3
3.5
7.5
3.5
8.5
3.5
8.5
FUNCTIONAL DESCRIPTION
The decoder accepts three binary weighted inputs (AO, A1,
A2) and when enabled provides eight mutually exclusive
active LOW outputs (O0–O7). The F138 features three Enable
inputs, two active LOW (E1, E2) and one active HIGH (E3). All
outputs will be HIGH unless E1 and E2 are LOW and E3 is
HIGH. This multiple enable function allows easy parallel
expansion of the device to a 1-of-32 (5 lines to 32 lines)
decoder with just four F138s and one inverter.
The F138 can be used as an 8-output demultiplexer by
using one of the active LOW Enable inputs as the data input
and the other Enable inputs as strobes. The Enable inputs
which are not used must be permanently tied to their
appropriate active HIGH or active LOW states.


Số phần tương tự - MC74F138J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112D MOTOROLA-MC74F112D Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112J MOTOROLA-MC74F112J Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112N MOTOROLA-MC74F112N Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
More results

Mô tả tương tự - MC74F138J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
   1-of-8 decoder/demultiplexer
1996 Jul 03
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
   1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
   1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com