công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54-083 bảng dữ liệu(PDF) 5 Page - NTE Electronics

tên linh kiện 54-083
Giải thích chi tiết về linh kiện  Illuminated Rocker Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NTE [NTE Electronics]
Trang chủ  http://www.nteinc.com
Logo NTE - NTE Electronics

54-083 bảng dữ liệu(HTML) 5 Page - NTE Electronics

  54-083 Datasheet HTML 1Page - NTE Electronics 54-083 Datasheet HTML 2Page - NTE Electronics 54-083 Datasheet HTML 3Page - NTE Electronics 54-083 Datasheet HTML 4Page - NTE Electronics 54-083 Datasheet HTML 5Page - NTE Electronics 54-083 Datasheet HTML 6Page - NTE Electronics 54-083 Datasheet HTML 7Page - NTE Electronics 54-083 Datasheet HTML 8Page - NTE Electronics 54-083 Datasheet HTML 9Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
179
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
Illuminated Rocker Switches
Snap−In Round Hole
Features
AC and DC Types
NTE
Type
No.
Circuitry
Action
Actuator
Diag
No.
Material
Color
Vltg
Neon
LED
54−506
SPST
ON
NONE
OFF
Nylon
Red
AC
S90
54−532
SPST
ON
NONE
OFF
Nylon
Amber
AC
S90
54−533
SPST
ON
NONE
OFF
Nylon
Green
AC
S90
54−534
SPST
ON
NONE
OFF
Nylon
Red
DC
S90
54−535
SPST
ON
NONE
OFF
Nylon
Amber
DC
S90
54−536
SPST
ON
NONE
OFF
Nylon
Green
DC
S90
54−537
SPST
ON
NONE
OFF
Nylon
Blue
DC
S90
S90
.780 (19.8) Dia
.187 (4.75)
.280 (7.1)
.327
(8.3)
.150 (3.8)
.472
(12.0)
.078
(2.0)
.905 (23.0) Dia
1
2
3
Wiring Diagram
Lamp
Indicator
Specifications
Current Rating: 16A 125VAC, 10A 250VAC
Lamp Voltage: 110V Neon (AC) & 2V @ 20mA* LED (DC)
Insulation Resistance: 100 Megohms (min.) at 500VDC
Dielectric Strength: 1500V RMS (min.)
Temperature Rating: −4 to +149 F (−20 to +65 C)
Electrical Life: 6000 cycles (min.)
Mechanical Life: 100,000 cycles (min.)
Terminal Type: .187” Tab Q.C.
Mounting Hole: .795 (20.2)
* Resistor needed for other voltages.
Snap−In Round Hole
Features
Waterproof Types Available on Page 166
NTE
Type
No.
Circuitry
Action
Actuator
Diag
No.
Material
Color
Vltg
54−525
SPST
ON
NONE
OFF
Nylon
Amber
AC
S90
54−526
SPST
ON
NONE
OFF
Nylon
Green
AC
S90
54−527
SPST
ON
NONE
OFF
Nylon
Red
DC
S90
54−528
SPST
ON
NONE
OFF
Nylon
Amber
DC
S90
54−529
SPST
ON
NONE
OFF
Nylon
Green
DC
S90
54−530
SPST
ON
NONE
OFF
Nylon
Blue
DC
S90
54−531
SPST
ON
NONE
OFF
Nylon
Red
AC
S90
S90
.780 (19.8) Dia
.187 (4.75)
.280 (7.1)
.327
(8.3)
.150 (3.8)
.472
(12.0)
.078
(2.0)
.905 (23.0) Dia
1
2
3
Wiring Diagram
Lamp
Indicator
Specifications
Current Rating: 16A 125VAC, 10A 250VAC
Lamp Voltage: 110V (AC) Neon, 12V (DC) Incandescent
Insulation Resistance: 100 Megohms (min.) at 500VDC
Dielectric Strength: 1500V RMS (min.)
Temperature Rating: −4 to +149 F (−20 to +65 C)
Electrical Life: 6000 cycles (min.)
Mechanical Life: 100,000 cycles (min.)
Terminal Type: .187” Tab Q.C.
Mounting Hole: .795 (20.2)


Số phần tương tự - 54-083

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
   CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
JDS Uniphase Corporatio...
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
54-00202 JDSU-54-00202 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
54-00203 JDSU-54-00203 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
More results

Mô tả tương tự - 54-083

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
   Illuminated Power Rocker Switches
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com