công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54-001 bảng dữ liệu(PDF) 5 Page - NTE Electronics

tên linh kiện 54-001
Giải thích chi tiết về linh kiện  Toggle Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NTE [NTE Electronics]
Trang chủ  http://www.nteinc.com
Logo NTE - NTE Electronics

54-001 bảng dữ liệu(HTML) 5 Page - NTE Electronics

  54-001 Datasheet HTML 1Page - NTE Electronics 54-001 Datasheet HTML 2Page - NTE Electronics 54-001 Datasheet HTML 3Page - NTE Electronics 54-001 Datasheet HTML 4Page - NTE Electronics 54-001 Datasheet HTML 5Page - NTE Electronics 54-001 Datasheet HTML 6Page - NTE Electronics 54-001 Datasheet HTML 7Page - NTE Electronics 54-001 Datasheet HTML 8Page - NTE Electronics 54-001 Datasheet HTML 9Page - NTE Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
142
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
Toggle Switches
Bat Handle
Features
Quick Make, Quick Break Contacts
AC/DC Shallow Back Panel Applications
Standard .500” Dia Mounting Hole
NTE
Type No.
Circuitry
Action
Actuator
Diag
No.
54−070
SPST
ON
NONE
OFF
Brass/Nickel Plate
S14a
54−071
SPST
ON
NONE
OFF
Brass/Nickel Plate
S14c
S14
Terminal Types
)
d
e
l
b
m
e
s
s
A
(
w
e
r
c
S
:
c
)
d
n
E
(
g
u
L
r
e
d
l
o
S
:
a
.270 (6.85)
.080 (2.03) Dia
.270
(6.86)
.415
(10.54)
#6−32 NC−2
Thread
.687 (17.46)
.465
(11.81)
.560
(14.22)
.890 (22.6)
.524 (13.31)
15/32−32 UNS−2A
Thread
Keyway
.072 (1.82) x
.038 (.965) DP
Specifications
Current Rating: 6A 125VAC, 3A 250VAC, AC/DC
Insulation Resistance: 100 Megohms (min.)
Dielectric Strength: 1000V RMS (min.)
Temperature Rating: 0 to +150 F (−17.8 to +65.6 C)
Electrical Life: 25,000 cycles
Mechanical Life: 15,000 cycles
Terminal Type: Refer to Diag No. in Table
Mounting Hole: .500 (12.7)
Bat Handle
Features
Waterproof Types Available on Page 159
Optional Rubber Boot, 54−905M
NTE
Type No.
Circuitry
Action
Actuator
Diag
No.
54−348
SPST
ON
NONE
OFF
Nickel Plated Brass
S32a
54−349
SPDT
ON
NONE
ON
Nickel Plated Brass
S32a
54−350
SPDT
ON
OFF
ON
Nickel Plated Brass
S32a
54−351
SPDT
(ON)
NONE
ON
Nickel Plated Brass
S32a
54−352
SPDT
(ON)
OFF
(ON)
Nickel Plated Brass
S32a
54−353
SPDT
ON
OFF
(ON)
Nickel Plated Brass
S32a
54−354
SPST
ON
NONE
OFF
Nickel Plated Brass
S32c
54−355
SPDT
ON
NONE
ON
Nickel Plated Brass
S32c
54−356
SPDT
ON
OFF
ON
Nickel Plated Brass
S32c
54−357
SPDT
(ON)
NONE
ON
Nickel Plated Brass
S32c
54−358
SPDT
(ON)
OFF
(ON)
Nickel Plated Brass
S32c
54−359
SPDT
ON
OFF
(ON)
Nickel Plated Brass
S32c
SPECIAL NOTE: ( ) = Momentary Function
Keway
S32
1.161 (29.5)
M12*0.75
Thread
.413
(10.5)
.689 (17.5)
.590
(15.0)
.433 (11.0)
.551
(14.0)
.031 (0.80)
)
9
.
4
1
(
6
8
5
.
)
1
.
7
(
9
7
2
.
.250
(6.35)
.250
(6.35)
.122
(3.1)
Dia
.177
(4.5)
.031
(0.80)
a: Solder Lug/Quick Connect
c: Screw (Assembled)
Specifications
Current Rating:
Functions ON−OFF and ON−ON: 15A 250VAC or 10A 24VDC
Functions ON OFF ON: 15A 250VAC
Other Functions: 15A 125VAC, 12A 250VAC or 5A 25VDC
Insulation Resistance: 1000 Megohms (min.) at 500VDC
Dielectric Strength: 2000V RMS (min.) between terminals
Temperature Rating: −4 to +131 F (−20 to +55 C)
Electrical Life: 10,000 cycles (min.) at full load
Terminal Type: Refer to Diag No. in Table
Mounting Hole: .480 (12.2)


Số phần tương tự - 54-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
   CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
logo
JDS Uniphase Corporatio...
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
54-00202 JDSU-54-00202 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
54-00203 JDSU-54-00203 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
54-00203 JDSU-54-00203 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
More results

Mô tả tương tự - 54-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
logo
Copal Electronics
8-SERIES COPAL-8-SERIES Datasheet
1Mb / 10P
   Toggle Switches
logo
List of Unclassifed Man...
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com