công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A3167DCKR bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
TS5A3167DCKR bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 20 page TS5A3167 0.9 W SPST ANALOG SWITCH SCDS187 − FEBRUARY 2005 www.ti.com 9 Electrical Characteristics for 1.8-V Supply(1) V+ = 1.65 V to 1.95 V, TA = −40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal range VCOM, VNC 0 V+ V Peak ON resistance rpeak 0 ≤ VNC ≤ V+, Switch ON, 25 °C 1.65 V 3.7 25 Ω Peak ON resistance rpeak 0 ≤ VNC ≤ V+, ICOM = −2 mA, Switch ON, See Figure 13 Full 1.65 V 30 Ω ON-state resistance ron VNC = 1.5 V, Switch ON, 25 °C 1.65 V 1.5 3.4 Ω ON-state resistance ron VNC = 1.5 V, ICOM = −2 mA, Switch ON, See Figure 13 Full 1.65 V 3.5 Ω ON-state resistance ron(flat) 0 ≤ VNC ≤ V+, ICOM = −2 mA Switch ON, 25 °C 1.65 V 1.5 Ω ON-state resistance flatness ron(flat) VNC = 0.6 V, 1.5 V, Switch ON, See Figure 13 25 °C 1.65 V 2 6 Ω flatness VNC = 0.6 V, 1.5 V, ICOM = −2 mA See Figure 13 Full 6 INC(OFF) VNC = 0.3 V, VCOM = 1.65 V, or 25 °C 1.95 V −2 0.5 2 nA NC OFF leakage current INC(OFF) NC COM or VNC = 1.65 V, VCOM = 0.3 V Switch OFF, See Figure 14 Full 1.95 V −20 20 nA OFF leakage current INC(PWROFF) VNC = 0 to 1.95 V, See Figure 14 25 °C 0 V −1 0.1 1 A INC(PWROFF) VNC = 0 to 1.95 V, VCOM = 1.95 V to 0 Full 0 V −5 5 µA ICOM(OFF) VCOM = 0.3 V, VNC = 1.65 V, or 25 °C 1.95 V −2 0.5 2 nA COM OFF leakage current ICOM(OFF) COM NC or VCOM = 1.65 V, VNC = 0.3 V Switch OFF, See Figure 14 Full 1.95 V −20 20 nA OFF leakage current ICOM(PWROFF) VCOM = 1.95 V to 0, See Figure 14 25 °C 0 V −1 0.1 1 A ICOM(PWROFF) VCOM = 1.95 V to 0, VNC = 0 to 1.95 V Full 0 V −5 5 µA NC INC(ON) VNC = 0.3 V, VCOM = Open, or Switch ON, 25 °C 1.95 V −2 0.1 2 nA NC ON leakage current INC(ON) NC COM or VNC = 1.65 V, VCOM = Open, Switch ON, See Figure 15 Full 1.95 V −20 20 nA COM ICOM(ON) VCOM = 0.3 V, VNC = Open, or Switch ON, 25 °C 1.95 V −2 0.1 2 nA COM ON leakage current ICOM(ON) COM NC or VCOM = 1.65 V, VNC = Open, Switch ON, See Figure 15 Full 1.95 V −20 20 nA Digital Control Input (IN) Input logic high VIH Full 1.5 5.5 V Input logic low VIL Full 0 0.6 V Input leakage current IIH, IIL VI = 5.5 V or 0 25 °C 1.95 V −2 0.3 2 nA Input leakage current IIH, IIL VI = 5.5 V or 0 Full 1.95 V −20 20 nA (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum |
Số phần tương tự - TS5A3167DCKR |
|
Mô tả tương tự - TS5A3167DCKR |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |