công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A3167YEPR bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
TS5A3167YEPR bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 20 page TS5A3167 0.9 W SPST ANALOG SWITCH SCDS187 − FEBRUARY 2005 www.ti.com 5 Electrical Characteristics for 3.3-V Supply(1) V+ = 3 V to 3.6 V, TA = −40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal range VCOM, VNC 0 V+ V Peak ON resistance rpeak 0 ≤ VNC ≤ V+, Switch ON, 25 °C 3 V 1.1 1.5 Ω Peak ON resistance rpeak 0 ≤ VNC ≤ V+, ICOM = −100 mA, Switch ON, See Figure 13 Full 3 V 1.7 Ω ON-state resistance ron VNC = 2 V, Switch ON, 25 °C 3 V 1 1.4 Ω ON-state resistance ron VNC = 2 V, ICOM = −100 mA, Switch ON, See Figure 13 Full 3 V 1.5 Ω ON-state resistance ron(flat) 0 ≤ VNC ≤ V+, ICOM = −100 mA Switch ON, 25 °C 3 V 0.2 Ω ON-state resistance flatness ron(flat) VNC = 2 V, 0.8 V, Switch ON, See Figure 13 25 °C 3 V 0.09 0.15 Ω flatness VNC = 2 V, 0.8 V, ICOM = −100 mA See Figure 13 Full 0.15 INC(OFF) VNC = 1 V, VCOM = 3 V, or 25 °C 3.6 V −2 0.5 2 nA NC OFF leakage current INC(OFF) NC COM or VNC = 3 V, VCOM = 1 V Switch OFF, See Figure 14 Full 3.6 V −20 20 nA OFF leakage current INC(PWROFF) VNC = 0 to 3.6 V, See Figure 14 25 °C 0 V 1 0.1 1 A INC(PWROFF) VNC = 0 to 3.6 V, VCOM = 3.6 V to 0 Full 0 V −5 5 µA ICOM(OFF) VCOM = 1 V, VNC = 3 V, or 25 °C 3.6 V −2 0.5 20 nA COM OFF leakage current ICOM(OFF) COM NC or VCOM = 3 V, VNC = 1 V Switch OFF, See Figure 14 Full 3.6 V −20 20 nA OFF leakage current ICOM(PWROFF) VCOM = 3.6 V to 0, See Figure 14 25 °C 0 V −1 0.1 1 A ICOM(PWROFF) VCOM = 3.6 V to 0, VNC = 0 to 3.6 V Full 0 V −5 5 µA NC INC(ON) VNC = 1 V, VCOM = Open, or Switch ON, 25 °C 3.6 V −2 0.2 2 nA NC ON leakage current INC(ON) NC COM or VNC = 3 V, VCOM = Open, Switch ON, See Figure 15 Full 3.6 V −20 20 nA COM ICOM(ON) VCOM = 1 V, VNC = Open, or Switch ON, 25 °C 3.6 V −2 0.2 2 nA COM ON leakage current ICOM(ON) COM NC or VCOM = 3 V, VNC = Open, Switch ON, See Figure 15 Full 3.6 V −20 20 nA Digital Control Input (IN) Input logic high VIH Full 2 5.5 V Input logic low VIL Full 0 0.8 V Input leakage current IIH, IIL VI = 5.5 V or 0 25 °C 3.6 V −2 0.3 2 nA Input leakage current IIH, IIL VI = 5.5 V or 0 Full 3.6 V −20 20 nA (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum |
Số phần tương tự - TS5A3167YEPR |
|
Mô tả tương tự - TS5A3167YEPR |