công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM16706SP bảng dữ liệu(PDF) 11 Page - SamHop Microelectronics Corp.

tên linh kiện SM16706SP
Giải thích chi tiết về linh kiện  16-BIT CONSTANT CURRENT LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16706SP bảng dữ liệu(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM16706SP Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 9Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 10Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 11Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 12Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 13Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 14Page - SamHop Microelectronics Corp. SM16706SP Datasheet HTML 15Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SM16706P/SP/F/FN
SAMHOP Microelectronics Corp.
16-BIT CONSTANT CURRENT LED DRIVER
Page 11
V.2.0 MAY,2003
[1] Output Current (IOUT)
[2] Total supply voltage (VLED)
IOUT is set by the enternal resistor (R-EXT) as shown in Figure1.
This device can operate at 0.4~0.7V (VOUT). When a higher voltage is input to the device, the excess
voltage is consumed inside the device, that leads to more power dissipation.
In order to minimize power dissipation and loss, we would like to recommend to set the total supply voltage
as shown below,
VLED (total supply voltage)=VOUT (IC Supply Voltage)+ Vf (LED Forward voltage)
+ VDS (MOSFET Voltage Drop)
When the total supply is too high considering the power dissipation of this device, an additional R can
decrease the OUT voltage (VOUT).
[3] Pattern Layout
This device has only one ground pin that means signal ground pin and power ground pin are common.
If ground pattern layout contains large inductance and impedance, and the voltage between ground
and LATCH, CLOCK terminals exceeds 2.5V by switching noise during operation, this device may miss-
operate. So we would advise you to pay attention to pattern layout to minimize ground inductance.
PATTERN LAYOUT
VLED = 3 ~ 4 (V)
R-EXT
SERIAL-IN
LATCH
CLOCK
ENABLE
OUT0
OUT15
SERIAL-OUT
R-EXT
SERIAL-IN
LATCH
CLOCK
ENABLE
OUT15
GND
SERIAL-OUT
CPU
GND
VDD
OUT0
SCAN
SDM4953
SDM9435A
VDS
VDD
VDD
VDD
VDD
VOUT
VOUT
Vf
Vf
SDM4952


Số phần tương tự - SM16706SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705F SAMHOP-SM16705F Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705FN SAMHOP-SM16705FN Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
SM16705P SAMHOP-SM16705P Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
More results

Mô tả tương tự - SM16706SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
   16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
   16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Unisonic Technologies
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com