công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LCWJNSH.EC2.0 bảng dữ liệu(PDF) 1 Page - OSRAM GmbH

tên linh kiện LCWJNSH.EC2.0
Giải thích chi tiết về linh kiện  white SMT package, colored diffused silicone resin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJNSH.EC2.0 bảng dữ liệu(HTML) 1 Page - OSRAM GmbH

  LCWJNSH.EC2.0 Datasheet HTML 1Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 2Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 3Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 4Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 5Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 6Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 7Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 8Page - OSRAM GmbH LCWJNSH.EC2.0 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2012-10-17
1
2012-10-17
DURIS E 3
Datasheet
Version 2.0 - OS-PCN-2012-038-A
LCW JNSH.EC
The DURIS E 3 combines high efficacy and a wide
beam angle into a compact format (3.0 mm x 1.4 mm).
This is key to homogeneous illumination applications
where the DURIS E 3 never fails to impress with its
performance on system level.
Die DURIS E 3 kombiniert hohe Effizienz und einen
weiten Abstrahlwinkel in einer kompakten Bauform
(3,0 mm x 1,4 mm). Speziell für Anwendungen mit
besonders homogener Lichtverteilung kann die
DURIS E 3 mit ihrer Leistung auf Systemebene
überzeugen.
Features:
Besondere Merkmale:
• Package: white SMT package, colored diffused
silicone resin
• Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
• Technology: InGaN on Sapphire
• Technologie: InGaN on Sapphire
• Viewing angle at 50 % IV: 110°
• Abstrahlwinkel bei 50 % IV: 110°
• Color: white; CRI (min.) = 80; CRI (typ.) = 85; CTR
= 5000 K
• Farbe: weiß; CRI (min.) = 80; CRI (typ.) = 85; CTR
= 5000 K
• Optical efficiency (typ.): 120 lm/W (white) at
5000 K
• Optischer Wirkungsgrad (typ.): 120 lm/W
(weiß) bei 5000 K
• ESD - withstand voltage: ESD sensitive device
acc. JESD22-A114-F ESD class 0
• ESD - Festigkeit: ESD empfindliches Bauteil nach
JESD22-A114-F ESD Klasse 0
• Lumen Maintenance: Test results according to
IESNA LM-80 available
• Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
• retrofits and fixtures
• Retrofits
• linear lights
• Linearbeleuchtung
• task lights
• Schreibtischleuchten


Số phần tương tự - LCWJNSH.EC2.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LCWJNSH.EC OSRAM-LCWJNSH.EC Datasheet
2Mb / 24P
   white SMT package, colored diffused silicone resin
LCWJNSH.EC-BPBR-5U8X-1 OSRAM-LCWJNSH.EC-BPBR-5U8X-1 Datasheet
1Mb / 25P
   LCW JNSH.EC
LCWJNSH.EC-BQBS-5L7N-1 OSRAM-LCWJNSH.EC-BQBS-5L7N-1 Datasheet
1Mb / 25P
   LCW JNSH.EC
LCWJNSH.EC-BQBS-5O8Q-1 OSRAM-LCWJNSH.EC-BQBS-5O8Q-1 Datasheet
1Mb / 25P
   LCW JNSH.EC
LCWJNSH.EC-BQBS-5R8T-1 OSRAM-LCWJNSH.EC-BQBS-5R8T-1 Datasheet
1Mb / 25P
   LCW JNSH.EC
More results

Mô tả tương tự - LCWJNSH.EC2.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com