công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADLS15PC bảng dữ liệu(PDF) 1 Page - ADL Embedded Solutions

tên linh kiện ADLS15PC
Giải thích chi tiết về linh kiện  Traffic technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADL [ADL Embedded Solutions]
Trang chủ  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLS15PC bảng dữ liệu(HTML) 1 Page - ADL Embedded Solutions

  ADLS15PC_18 Datasheet HTML 1Page - ADL Embedded Solutions ADLS15PC_18 Datasheet HTML 2Page - ADL Embedded Solutions ADLS15PC_18 Datasheet HTML 3Page - ADL Embedded Solutions ADLS15PC_18 Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ADLS15PC PC/104-Plus
Intel® Atom™ CPU 1.1GHz - 1.60GHz
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
The ADLS15PC PC/104-Plus is based on the Intel® AtomTM
and the Intel® US15W (PoulsboTM) chipset. The Intel®
AtomTM is a single core processor built on a 45nm process
that boasts an impressive 2.64 watts TDP. The Intel®
AtomTM delivers the benefits of genuine Intel® architecture
to small form factor and thermally constrained markets. The
Intel® US15W System Controller Hub (SCH) incorporates all
functions of legacy GMCH and ICH architectures into a single
die.
The ADLS15PC takes advantage of these features by
delivering high performance and low thermals in a compact
PC/104-Plus form factor. The Intel® graphics controller drives
a CRT to 1600x1200@60Hz and/or 18/24 bit LVDS LCD.
Memory is added via an SODIMM200 socket that will accept
up to 2GB of DDR2-400/533 DRAM. In addition to ACPI/
FEATURES
Intel® AtomTM
1.1GHz - 1.60GHz
Intel® SCH US15W Chipset
Power Management
Up to 2GB DDR2-DRAM
CRT / LVDS Interface Onboard
10/100/1000 Base-T Ethernet
8x USB2.0 Ports
PATA Storage Interface
COM1, COM2, LPT1
SM Bus Interface
*Data subject to change without notice.
APM functions, EIDE, 8xUSB 2.0, 2xRS232 COM ports, PS/2
Keyboard and Mouse, LPT, AC97 Sound, 10/100/1000MBit
LAN and more, the ADLS15PC also comes equipped with
up to 8GB onboard SSD. Driver sets for Windows operating
systems, as well as BSP’s for Windows® CE6 and VxWorks®
are available.
ADLSST System Sensor Technology Utility
The ADLSST System Sensor Technology v2.0 utility brings
to the Linux environment the same type of CPU health
monitor functions that have previously been readily available
only in the Windows environment. Click here to download
the drivers.
ADL Embedded Solutions, Inc. offers highly effective active
and passive thermal solutions designed for this product.
Contact your sales representative for more information.
APPLICATIONS
Factory automation
Unmanned systems
Drone payload computing
Traffic technology
Rugged surveillance cameras
Cloud-based IoT solutions
RTC and Watchdog Timer
Windows 7, Windows 8, Linux
Compatible
High Definition Audio
Up To 8GB Onboard SSD
PC/104-
Plus embedded form
factor
+5V Single Rail Power Supply
Active and passive thermal
solutions available - call for
information
DESCRIPTION


Số phần tương tự - ADLS15PC_18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ADL Embedded Solutions
ADLS15PC-110 ADL-ADLS15PC-110 Datasheet
519Kb / 2P
   PC104/Plus Atom
ADLS15PC-112 ADL-ADLS15PC-112 Datasheet
519Kb / 2P
   PC104/Plus Atom
ADLS15PC-114 ADL-ADLS15PC-114 Datasheet
519Kb / 2P
   PC104/Plus Atom
ADLS15PC-160 ADL-ADLS15PC-160 Datasheet
519Kb / 2P
   PC104/Plus Atom
ADLS15PC-162 ADL-ADLS15PC-162 Datasheet
519Kb / 2P
   PC104/Plus Atom
More results

Mô tả tương tự - ADLS15PC_18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
   Traffic lights
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
   Traffic lights
logo
Dialight Corporation
433-1110-000XL DIALIGHT-433-1110-000XL Datasheet
125Kb / 1P
   LED Traffic Modules
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
   Traffic Manager Co-processor
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
   Traffic Manager Co-processor
March 3, 2005
logo
OSRAM GmbH
LVW5AM OSRAM-LVW5AM Datasheet
999Kb / 23P
   Traffic lights and signaling
logo
Renesas Technology Corp
89TTM552 RENESAS-89TTM552 Datasheet
661Kb / 38P
   Traffic Manager Data Sheet
April 7, 2005
logo
PMC-Sierra, Inc
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
   ATM TRAFFIC MANAGER AND SWITCH
logo
Dialight Corporation
433-1210-003XLB DIALIGHT-433-1210-003XLB Datasheet
102Kb / 1P
   12??Bicycle LED Traffic Module
433-1110-005XL DIALIGHT-433-1110-005XL Datasheet
60Kb / 1P
   Low Voltage LED Traffic Modules
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com