công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADLQM67PC-3517UE bảng dữ liệu(PDF) 1 Page - ADL Embedded Solutions

tên linh kiện ADLQM67PC-3517UE
Giải thích chi tiết về linh kiện  Radar and sonar processing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADL [ADL Embedded Solutions]
Trang chủ  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLQM67PC-3517UE bảng dữ liệu(HTML) 1 Page - ADL Embedded Solutions

  ADLQM67PC-3517UE Datasheet HTML 1Page - ADL Embedded Solutions ADLQM67PC-3517UE Datasheet HTML 2Page - ADL Embedded Solutions ADLQM67PC-3517UE Datasheet HTML 3Page - ADL Embedded Solutions ADLQM67PC-3517UE Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ADLQM67PC-3517UE PCIe/104
3rd Generation Intel® Corei7, 1.7 GHz
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
The ADLQM67PC-3517UE is ideal for rugged applications
where high performance / watt is critical.
The ADLQM67PC-3517UE features the 3rd generation Intel
Core™ i7 processor that incorporate Intel’s QM67 embedded
two-chip platform. This 3rd generation i7 processor integrates
Intel’s HD Graphics 4000 engine with AVX2 (Advanced Vector
Extensions) as well as the memory controller functions of a
traditional GMCH. The 3rd generation Intel Core i7-3517UE
processor has a 17W TDP and a higher performance/watt than
any previous 2nd generation Intel Core embedded processor.
The ADLQM67PC-3517UE is ideal for rugged applications
where high processor performance is critical. It brings
unparalleled performance to applications such as radar and
sonar processing, image signal processing, tactical command
and control, surveillance and reconnaissance, transportation
and railway.
In addition to the wide range of rugged and harsh environment
applications in which the ADLQM67PC-3517UE can excel,
it also supports a healthy set of features. The ADLQM67PC-
FEATURES
Gen3 Intel® Core™ i7-3517UE,
1.7 GHz (Turbo up to 2.80 GHz)
Up to 8GB DDR3-1066/1333
DRAM SoDIMM204
Type 1 Bottom-Stacking PCIe/104
V2.01 with Gen2 Protocol (2.5 to
5 GT/s)
2x SATA 600 Ports with RAID
2x 10/100/1000 Mbit Ethernet
LAN Port
2x RS232 COM Ports, 8x USB2.0
Ports
Separate Onboard VGA, LVDS,
HDMI / DVI, Display Port
Dual Independent Displays
*Data subject to change without notice.
3517UE has a discrete 16-bit digital I/O port as well as
separate VGA, LVDS, HDMI and Display Port interfaces. The
ADLQM67PC-3517UE also has 2x RS232 COM ports, 2x
SATA 6Gb/s with RAID support, 8x USB2.0, two bootable
Gigabit Ethernet LAN, HDA 7.1 and type 1 bottom-stacking
PCIe/104 V2.01 supporting Gen2 throughput of 5 GT/s are
just a few of the available features.
ADLSST System Sensor Technology Utility
The ADLSST System Sensor Technology v2.0 utility brings
to the Linux environment the same type of CPU health
monitor functions that have previously been readily available
only in the Windows environment. Click here to download
the drivers.
ADL Embedded Solutions, Inc. offers highly effective active
and passive thermal solutions designed for this product.
Contact your sales representative for more information.
APPLICATIONS
Radar and sonar processing
Image signal processing
Tactical command and control
Surveillance and reconnaissance
Transportation and railway
Portable medical devices, signage
Hardware Monitor with API
ADL-SST (System Sensor
Technology)
Watchdog Timer
Windows 7, Windows 8, Windows
10, Linux Compatible
Discrete 16bit GPIO Port
7.1 HD Audio with SPDIF In/Out
4.5” x 3.8” (115mm x 96mm)
PCI/104-Express v1.0a Form
Factor
Operating Range -25° to +70º C
(-40º to +85º C available - call
sales for details)
DESCRIPTION


Số phần tương tự - ADLQM67PC-3517UE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
More results

Mô tả tương tự - ADLQM67PC-3517UE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ADL Embedded Solutions
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
   Radar and sonar processing
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
Texas Instruments
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
logo
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
logo
Amkor Technology
WLCSP AMKOR-WLCSP Datasheet
474Kb / 2P
   Wafer Level Processing and Die Processing Services
logo
Micross Components
HMC520 MICROSS-HMC520 Datasheet
886Kb / 9P
   Military Radar and ECM
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com