công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPS30L60CW bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện STPS30L60CW
Giải thích chi tiết về linh kiện  The STPS30L60CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

STPS30L60CW bảng dữ liệu(HTML) 2 Page - International Rectifier

  STPS30L60CW Datasheet HTML 1Page - International Rectifier STPS30L60CW Datasheet HTML 2Page - International Rectifier STPS30L60CW Datasheet HTML 3Page - International Rectifier STPS30L60CW Datasheet HTML 4Page - International Rectifier STPS30L60CW Datasheet HTML 5Page - International Rectifier STPS30L60CW Datasheet HTML 6Page - International Rectifier STPS30L60CW Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STPS30L60CW
Bulletin PD-20625 rev. A 10/06
V
FM
Max. Forward Voltage Drop
0.60 V
@ 15A
(Per Leg) * See Fig. 1
(1)
0.80
V
@ 30A
0.56
V
@ 15A
0.70
V
@ 30A
I
RM
Max. Reverse Leakage Current
0.48
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
50 ( typ )
T
J = 125 °C
100
CT
Max. Junction Capacitance(Per Leg)
720
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
7.5
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ μs (Rated V
R)
I
F(AV) Max. Average Forward Current
30
A
50% duty cycle @ T
C = 112 °C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
1020
5μs Sine or 3μs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
265
10msSineor6msRect.pulse
E
AS
Non-Repetitive Avalanche Energy
13
mJ
T
J = 25 °C, IAS = 1.50 Amps, L = 11.5 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
1.50
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
T
J
Max. Junction Temperature Range
-55 to 150
°C
T
stg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance Junction
2.20
°C/W DC operation
* See Fig. 4
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
1.10
°C/W DC operation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.24
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
6 (0.21)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Non-lubricated threads
Max.
12 (10)
Case Style
TO-247AC(TO-3P) JEDEC
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
Value
Units
Conditions
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
Parameters
Value
Units
Conditions
A
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Parameters
Value
Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle <2%
Electrical Specifications
Part number
STPS30L60CW
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
60
Voltage Ratings
Document Number: 93478
www.vishay.com
2


Số phần tương tự - STPS30L60CW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STPS30L60CW STMICROELECTRONICS-STPS30L60CW Datasheet
110Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS30L60CW STMICROELECTRONICS-STPS30L60CW Datasheet
167Kb / 11P
   Power Schottky rectifier
logo
Vishay Siliconix
STPS30L60CW VISHAY-STPS30L60CW Datasheet
106Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 18-Jun-08
STPS30L60CW VISHAY-STPS30L60CW Datasheet
109Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 01-Sep-08
STPS30L60CW-N3 VISHAY-STPS30L60CW-N3 Datasheet
159Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 30-Aug-11
More results

Mô tả tương tự - STPS30L60CW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
STPS40L40CW IRF-STPS40L40CW Datasheet
257Kb / 7P
   The STPS40L40CW center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage.
400DMQ IRF-400DMQ Datasheet
71Kb / 5P
   The 400DMQ high current, Schottky rectifier doubler module series has been optimized for very low forward voltage drop, with moderate leakage.
logo
Kersemi Electronic Co.,...
MBR3045CTP KERSEMI-MBR3045CTP Datasheet
1Mb / 5P
   This center tap Schottky rectifier has been optimized for low
MBR4045CT KERSEMI-MBR4045CT Datasheet
2Mb / 5P
   This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature.
logo
International Rectifier
STPS40L15CW IRF-STPS40L15CW Datasheet
241Kb / 7P
   The STPS40L15CW center tap Schottky rectifier module has been optimized for ultra low forward voltage drop specifically for the OR-ing of parallel power supplies.
163CMQ IRF-163CMQ Datasheet
105Kb / 5P
   The 163CMQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
163CNQ IRF-163CNQ Datasheet
126Kb / 6P
   The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
203CNQ IRF-203CNQ Datasheet
172Kb / 5P
   The 203CNQ... (R) center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature.
163CNQ100 IRF-163CNQ100 Datasheet
120Kb / 6P
   The 163CNQ isolated center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature
12CWQ10G IRF-12CWQ10G Datasheet
162Kb / 7P
   The 12CWQ10G surface mount, center tap, Schottky rectifier series has been designed for applications requiring low for forward
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com