công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST2100CR bảng dữ liệu(PDF) 3 Page - International Rectifier

tên linh kiện ST2100CR
Giải thích chi tiết về linh kiện  Double side cooling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

ST2100CR bảng dữ liệu(HTML) 3 Page - International Rectifier

  ST2100CR Datasheet HTML 1Page - International Rectifier ST2100CR Datasheet HTML 2Page - International Rectifier ST2100CR Datasheet HTML 3Page - International Rectifier ST2100CR Datasheet HTML 4Page - International Rectifier ST2100CR Datasheet HTML 5Page - International Rectifier ST2100CR Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST2100C..R Series
3
Bulletin I25198 rev. B 02/00
www.irf.com
dv/dt
Maximum linear rate of rise of
off-state voltage
I
RRM
Max. peak reverse and off-state
I
DRM
leakage current
500
V/µs
T
J = TJ max. to 67% rated VDRM
Parameter
ST2100C..R
Units
Conditions
250
mA
T
J = 125°C rated VDRM /V RRM applied
Blocking
P
GM
Maximum peak gate power
150
t
p
= 100µs
P
G(AV)
Maximum average gate power
10
I
GM
Max. peak positive gate current
30
A
Anode positive with respect to cathode
V
GM
Max. peak positive gate voltage
30
V
Anode positive with respect to cathode
-V
GM
Max. peak negative gate voltage
0.25
V
Anode positive with respect to cathode
I
GT
Maximum DC gate current
required to trigger
V
GT
Maximum gate voltage required
to trigger
Parameter
ST2100C..R
Units
Conditions
W
400
mA
T
C
= 25°C, V
DRM
= 5V
4V
T
C = 25°C, VDRM = 5V
V
GD
DC gate voltage not to trigger
0.25
V
T
C
= 125°C
Max. gate current/voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM anode-to-cathode applied
Triggering
T
J max. Max. operating temperature
125
On-state (conducting)
T
stg
Max. storage temperature range
-55 to 125
R
thJ-C
Thermal resistance, junction
0.019
DC operation single side cooled
to case
0.0095
DC operation double side cooled
R
th(C-h)
Thermal resistance, case
0.004
Single side cooled
to heatsink
0.002
Double side cooled
F
Mounting force ± 10%
wt
Approximate weight
1600
g
Case style
(R-PUK)
See Outline Table
Parameter
ST2100C..R
Units
Conditions
Thermal and Mechanical Specification
°C
Clamping force 43KN with
mounting compound
43000
(4400)
N
(Kg)
∆R
thJ-C
Conduction
(The following table shows the increment of thermal resistence R
thJ-C when devices operate at different conduction angles than DC)
K/W
K/W
180°
0.0010
0.0010
T
J
= T
J
max.
120°
0.0017
0.0017
K/W
60°
0.0044
0.0044
Conduction angle
Single side
Double side
Units
Conditions


Số phần tương tự - ST2100CR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C30R0 IRF-ST2100C30R0 Datasheet
80Kb / 6P
   PHASE CONTROL THYRISTORS
ST2100C30R0L IRF-ST2100C30R0L Datasheet
80Kb / 6P
   PHASE CONTROL THYRISTORS
ST2100C30R1 IRF-ST2100C30R1 Datasheet
80Kb / 6P
   PHASE CONTROL THYRISTORS
ST2100C30R1L IRF-ST2100C30R1L Datasheet
80Kb / 6P
   PHASE CONTROL THYRISTORS
More results

Mô tả tương tự - ST2100CR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
ST2600CR IRF-ST2600CR Datasheet
76Kb / 6P
   Double side cooling
ST3230CR IRF-ST3230CR Datasheet
84Kb / 6P
   Double side cooling
logo
Infineon Technologies A...
FF400R07A01E3_S6 INFINEON-FF400R07A01E3_S6 Datasheet
734Kb / 13P
   Double Side Cooled Module
V3.4, 2020-04-15
logo
STMicroelectronics
VND830MSP STMICROELECTRONICS-VND830MSP Datasheet
265Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830SP STMICROELECTRONICS-VND830SP Datasheet
266Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810-E STMICROELECTRONICS-VND810-E Datasheet
202Kb / 20P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
197Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND600PEP-E STMICROELECTRONICS-VND600PEP-E Datasheet
232Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
   Double channel high-side driver
September 2013 Rev 2
VND810 STMICROELECTRONICS-VND810 Datasheet
254Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com