công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADLGS45HDS bảng dữ liệu(PDF) 1 Page - ADL Embedded Solutions

tên linh kiện ADLGS45HDS
Giải thích chi tiết về linh kiện  Hardware Monitoring
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADL [ADL Embedded Solutions]
Trang chủ  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLGS45HDS bảng dữ liệu(HTML) 1 Page - ADL Embedded Solutions

  ADLGS45HDS Datasheet HTML 1Page - ADL Embedded Solutions ADLGS45HDS Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5 - Inch SBC
Data subject to change without notice
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite
101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
ADLGS45HDS - Intel® CoreTM 2 Quad / CoreTM 2 Duo / Celeron® PGA478
Features
Supports Intel® PGA478 Celeron® / CoreTM 2 Duo / CoreTM 2 Quad
Intel® GS45 / ICH9M-E Chipset
Up to 8GB DDR3-1066MHz DRAM (4GB x 2)
2x 10/100/1000Mbit LAN Controllers
DVI Interface Onboard
4x SATA 3Gb/s with RAID 0/1/5/10 Support
8x USB2.0 Ports
4x RS232 Ports
SM-Bus Interface
RTC and Watchdog Timer
6 Channel High Definition Audio
Hardware Monitoring
Integrated Trusted Platform Module (ITPM)
PCIe v1.1 - 4 x1 or 1 x4 Lanes with ADL35PCIE
Onboard mini-PCI socket
Description
The ADLGS45HDS is based on the Small Form Factor (SFF) Intel®
GS45 Express (CantigaTM) chipset. Built on the 45nm process, the
ADLGS45HDS sets a superior performance standard in an embedded
3.5-inch form factor. The ADLGS45HDS utilizes a PGA478 socket that
supports Intel Celeron, Intel Core 2 Duo and the Intel Core 2 Quad
processors to provide exceptional horsepower for most applications.
The Intel® GS45 Express GMCH coupled with the Intel® ICH9M-E I/O
controller hub offers an impressive list of high performance features that
makes full-size board makers nervous.
The ADLGS45HDS takes advantage of these features by delivering
high performance in a compact form factor. The Intel® graphics control-
ler drives a two DVI-I or HDMI to 2048x1536 and/or an analog monitor
to 2048 x 1536 resolution. Memory is added via an SODIMM204 sock-
et that will accept up to 4GB of DDR3-1066 DRAM per bank. In addi-
tion to ACPI/APM functions, the ADLGS45HDS has the following fea-
tures: 8x USB 2.0, 4x RS232/TTL COM ports, PS/2 Keyboard and
Mouse,
AC97 Sound, and 2x 10/100/1000MBit LAN. The
ADLGS45HDS also comes equipped with 4 SATA 3GB/s ports with
RAID 0/1 hardware RAID support . The ADLGS45HDS also offers
expansion by way of an onboard mini-PCI Socket and custom PCI
Express socket that can be used with special riser board ADL35PCIE to
accommodate desktop style x1 or x4 PCIe boards..
ADL Embedded Solutions offers highly effective active and passive
thermal solutions designed for this product. Contact your sales repre-
sentative for more information.
Ordering Information
Item Codes
Part#
Description
ADLGS45HDS
2944xx
3.5-inch, GS45 chipset PGA478 socket
Processor Options
PGA478-Q9100
2944xx
Intel Core2 Quad Q9100, 2.26GHz, 12MB L2, 1066FSB
PGA478-T9400
2944xx
Intel Core2 Duo T94100, 2.53GHz, 6MB L2, 1066FSB
PGA478-T3100
2944xx
Intel Celeron T3100, 1.9GHz, 1MB L2, 800FSB
Cooling Options / Accessories
ADLGS45HDS-SPREADER
294xxx
Heat Spreader for ADLGS45HDS
ADL35-BBHS
294152 Large Heat Sink Set for ADLxxxHD
ADL35-LFAN
294154 Large Fan for ADL35-BBHS
ADL35-SOSET
294156 Tall stand-off for ADL35-BBHS
ADL35PCIE
PCIe 4x riser for 3.5-inch SBC
ADLGS45HDS-CK
Standard Cable Kit for ADLGS45HDS
Memory
DDR3-DRAM2048-1333
997506 DDR3-1333MHz 2GB Standard Temperature
DDR3-DRAM4096-1333
997507 DDR3-1333MHz 4GB Standard Temperature
DDR3-DRAM2048-1333-EX
997516 DDR3-1333MHz 2GB Extended Temperature
DDR3-DRAM4096-1333-EX
997517 DDR3-1333MHz 4GB Extended Temperature
*More options may be available, please contact our Sales office *


Số phần tương tự - ADLGS45HDS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ADL Embedded Solutions
ADLGS45-1" ADL-ADLGS45-1
643Kb / 2P
   PCI/104-Express
ADLGS45PC ADL-ADLGS45PC Datasheet
222Kb / 2P
   Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
ADLGS45PC ADL-ADLGS45PC Datasheet
643Kb / 2P
   PCI/104-Express
ADLGS45PC-722 ADL-ADLGS45PC-722 Datasheet
222Kb / 2P
   Intel Core 2 Duo / Celeron M 1.20GHz - 2.26GHz
ADLGS45PC-722 ADL-ADLGS45PC-722 Datasheet
643Kb / 2P
   PCI/104-Express
More results

Mô tả tương tự - ADLGS45HDS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
MON35W42 SMSC-MON35W42 Datasheet
213Kb / 60P
   Hardware Monitoring IC with Thermal Diode Interface
logo
Nuvoton Technology Corp...
NCT7802Y NUVOTON-NCT7802Y Datasheet
2Mb / 87P
   Hardware Monitoring IC with PECI 3.0 interface
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
   Graphical Monitoring Software and Interface Hardware System
logo
Nuvotem Talema
NCT7802Y TALEMA-NCT7802Y Datasheet
1Mb / 87P
   Hardware Monitoring IC NCT7802Y with PECI 3.0 interface
logo
SMSC Corporation
LPC47M997 SMSC-LPC47M997 Datasheet
84Kb / 5P
   LPC Super I/O with Hardware Monitoring Block
LPC47M192 SMSC-LPC47M192 Datasheet
1Mb / 228P
   LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
logo
National Semiconductor ...
PC87365 NSC-PC87365 Datasheet
2Mb / 215P
   128-Pin LPC SuperI/O with System Hardware Monitoring
logo
Microchip Technology
SCH5627P MICROCHIP-SCH5627P Datasheet
1Mb / 234P
   Desktop Embedded Controller with Fan Control, Hardware Monitoring and PECI
2020
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102_06 Datasheet
1Mb / 86P
   Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102 Datasheet
1Mb / 86P
   Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com