công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST2221C bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
ST2221C bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 17 page ST2221C 16-Bit Constant Current LED Drivers -3- Version:1.01 Timing Diagram (Note) Latches are level sensitive (not edge triggered). LATCH-terminal = H level, latches become transparent; LATCH-terminal = L level, latches hold data. ENABLE-terminal = H level, all outputs (OUT0~15) are off. An external resistor is connected between R-EXT and GND for setting up the value of constant current. SERIAL-OUT changes state on the falling edges of clock. Pin Description PIN No. PIN NAME FUNCTION 1 GND Ground terminal 2 SERIAL-IN Input terminal of a data shift register 3 CLOCK Input terminal of a clock for shift register 4 LATCH Input terminal of data strobe 5~20 OUT0~15 Output terminals 21 ENABLE Input terminal of output enable (active low) 22 SERIAL-OUT Output terminal of a data shift register 23 R-EXT Input terminal of an external resistor 24 VDD 5V Supply voltage terminal OUT15 SERIAL-OUT OUT2 OUT1 OUT0 LATCH 0V 5V 0V 5V SERIAL-IN CLOCK 0V 5V Off 0V Off Off On Off 0V 5V 5V On 1 2 3 15 16 ENABLE On On |
Số phần tương tự - ST2221C |
|
Mô tả tương tự - ST2221C |