công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9380A-UK6 bảng dữ liệu(PDF) 4 Page - Keysight Technologies

tên linh kiện M9380A-UK6
Giải thích chi tiết về linh kiện  M9380A PXIe CW Source
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9380A-UK6 bảng dữ liệu(HTML) 4 Page - Keysight Technologies

  M9380A-UK6 Datasheet HTML 1Page - Keysight Technologies M9380A-UK6 Datasheet HTML 2Page - Keysight Technologies M9380A-UK6 Datasheet HTML 3Page - Keysight Technologies M9380A-UK6 Datasheet HTML 4Page - Keysight Technologies M9380A-UK6 Datasheet HTML 5Page - Keysight Technologies M9380A-UK6 Datasheet HTML 6Page - Keysight Technologies M9380A-UK6 Datasheet HTML 7Page - Keysight Technologies M9380A-UK6 Datasheet HTML 8Page - Keysight Technologies M9380A-UK6 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
04 | Keysight | M9380A PXIe CW Source 1 MHz to 3 GHz or 6 GHz - Data Sheett
Technical Specifications and Characteristics
Definitions for specifications
Temperatures referred to in this document are defined as follows:
– Full temperature range = Individual module temperature of ≤ 75 °C, as reported by
the module, and environment temperature of 0 to 55 °C.
– Controlled temperature range = Individual module temperature of ≤ 55 °C, as
reported by the module, and environment temperature of 20 to 30 °C.
Specifications describe the warranted performance of calibrated instruments. Data
represented in this document are specifications unless otherwise noted under the
following conditions.
– Calibrated instruments have been stored for a minimum of 2 hours within the full
temperature range
– 45 minute warm-up time
– Calibration cycle maintained
– When used with Keysight M9300A frequency reference
– When used with Keysight interconnection cables
Characteristics describe product performance that is useful in the application of the
product. Characteristics are often referred to as Typical or Nominal values and are itali-
cized.
– Typical describes characteristic performance, which 80% of instruments will meet
when operated within the controlled temperature range.
– Nominal describes representative performance that is useful in the application of the
product when operated within the controlled temperature range.
Recommended best practices in use
– Use slot blockers and EMC filler panels in empty module slots to ensure proper
operating temperatures.
– Keysight chassis and slot blockers optimize module temperature performance and
reliability of test.
– At environment temperatures above 45 °C, chassis fan should be set to high.
Additional information
– All graphs contain measured data from one unit and is representative of product
performance at the controlled temperature range unless otherwise noted.
– The specifications contained in this document are subject to change.


Số phần tương tự - M9380A-UK6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9380A KEYSIGHT-M9380A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9380A KEYSIGHT-M9380A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Mô tả tương tự - M9380A-UK6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1782A EMCORE-1782A Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM Datasheet
700Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com