công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9393A-WB1 bảng dữ liệu(PDF) 10 Page - Keysight Technologies

tên linh kiện M9393A-WB1
Giải thích chi tiết về linh kiện  M9393A PXIe Performance Vector Signal Analyzer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A-WB1 bảng dữ liệu(HTML) 10 Page - Keysight Technologies

Back Button M9393A-WB1 Datasheet HTML 6Page - Keysight Technologies M9393A-WB1 Datasheet HTML 7Page - Keysight Technologies M9393A-WB1 Datasheet HTML 8Page - Keysight Technologies M9393A-WB1 Datasheet HTML 9Page - Keysight Technologies M9393A-WB1 Datasheet HTML 10Page - Keysight Technologies M9393A-WB1 Datasheet HTML 11Page - Keysight Technologies M9393A-WB1 Datasheet HTML 12Page - Keysight Technologies M9393A-WB1 Datasheet HTML 13Page - Keysight Technologies M9393A-WB1 Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10 | Keysight | M9393A PXIe Performance Vector Signal Analyzer – Data Sheet
Technical Specifications and Characteristics
Standard Configuration - Options F08, F14, F18, F27
Amplitude (cont’d)
Amplitude repeatability and linearity
Pre-amp OFF, typical
Pre-amp ON, typical
Repeatability 19
± 0.03 dB
± 0.06 dB
Linearity 20
ADC dither high
ADC dither Low
Input signal relative to expected
input level setting
Specification
Typical
Specification
Typical
> –35 dB
0.08 dB
0.03 dB
0.08 dB
0.03 dB
≤ –35 dB
0.1 dB
0.04 dB
0.21 dB
0.1 dB
IF flatness, typical 21, 22
Across any 20 MHz
in 40 MHz path
Across any 20 MHz
in 160 MHz path
40 MHz
100 MHz
160 MHz
≤ 13.6 GHz
± 0.08 dB
± 0.14 dB
± 0.16 dB
± 0.21 dB
± 0.34 dB
> 13.6 GHz
± 0.12 dB
± 0.14 dB
± 0.17 dB
± 0.31 dB
± 0.47 dB
IF phase linearity, typical 21, 22
Across any 20 MHz
in 40 MHz path
Across any 20 MHz
in 160 MHz path
40 MHz
100 MHz
160 MHz
≤ 13.6 GHz
± 0.68 °
± 1.28 °
± 0.81 °
± 1.34 °
± 1.56 °
> 13.6 GHz
± 1.46 °
± 1.54 °
± 1.69 °
± 2.56 °
± 3.59 °
IF bandwidth filter switching uncertainty 23
Specification
Typical
Nominal
Preamp On
± 0.3 dB
± 0.14 dB
± 0.1 dB
Preamp Off
± 0.45 dB
± 0.25 dB
± 0.2 dB
Expected input level switching uncertainty 24
Pre-amp OFF 25
Pre-amp ON 26
≤ –5 dBm
> –5 dBm
≤ –3 dBm
Specification
Typical
Specification
Typical
Specification
Typical
> 100 kHz to 1 MHz
± 0.14 dB
± 0.03 dB
± 1.53 dB
± 0.6 dB
± 0.48 dB
± 0.18 dB
> 1 to 20 MHz
± 0.18 dB
± 0.04 dB
± 1.56 dB
± 0.64 dB
± 0.48 dB
± 0.18 dB
> 20 to 100 MHz
± 0.15 dB
± 0.04 dB
± 0.56 dB
± 0.24 dB
± 0.39 dB
± 0.15 dB
> 100 MHz to 3.6 GHz
± 0.16 dB
± 0.04 dB
± 0.53 dB
± 0.24 dB
± 0.44 dB
± 0.18 dB
> 3.6 to 8 GHz
± 0.18 dB
± 0.05 dB
± 0.39 dB
± 0.15 dB
± 0.34 dB
± 0.12 dB
> 8 to 17 GHz
± 0.16 dB
± 0.05 dB
± 0.71 dB
± 0.19 dB
± 0.53 dB
± 0.17 dB
> 17 to 24 GHz
± 0.19 dB
± 0.05 dB
± 2.38 dB
± 0.39 dB
± 0.78 dB
± 0.17 dB
> 24 to 27 GHz
± 0.18 dB
± 0.06 dB
± 1.39 dB
± 0.31 dB
± 0.55 dB
± 0.16 dB
19. Input level –11 dBm, LO nulling run at ~1 GHz, 150 ms allowed for amplitude settling, measurement made at 1 kHz from center of IF.
20. Input level 20 dB above the noise floor and ADC dither on, no change in hardware settings, below expected input level.
21. Deviation from the mean error of the entire bandwidth, all conversion types.
22. Expected input level = 0 dBm, Mixer level offset = 0.
23. Amplitude error relative to the reference IF bandwidth filter of 40 MHz. Preamplifier mode is set in the on or off position, not Auto.
24. Measured using an attenuator with VSWR performance equal to or better than the Keysight 8490D-020 coaxial attenuator. Peak to average = 0 dB.
25. Measurement referenced to Expected input level setting of –5 dBm.
26. Measurement referenced to Expected input level setting of –3 dBm.


Số phần tương tự - M9393A-WB1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Mô tả tương tự - M9393A-WB1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com