công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9300A bảng dữ liệu(PDF) 10 Page - Keysight Technologies

tên linh kiện M9300A
Giải thích chi tiết về linh kiện  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9300A bảng dữ liệu(HTML) 10 Page - Keysight Technologies

Back Button M9300A Datasheet HTML 6Page - Keysight Technologies M9300A Datasheet HTML 7Page - Keysight Technologies M9300A Datasheet HTML 8Page - Keysight Technologies M9300A Datasheet HTML 9Page - Keysight Technologies M9300A Datasheet HTML 10Page - Keysight Technologies M9300A Datasheet HTML 11Page - Keysight Technologies M9300A Datasheet HTML 12Page - Keysight Technologies M9300A Datasheet HTML 13Page - Keysight Technologies M9300A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
M9485A PXIe Multiport Vector Network Analyzer Characteristics (Typical)
Option 2xx (Combination of M9377A and M9378A/B Configuration)
Corrected system performance
Description
Typical
System dynamic range at test port3
(Source: Standard Configuration, Receiver: Standard Configuration, Test Attenuator 0 dB IF Bandwidth = 10 Hz)
10 M to 50 MHz
65 dB
50 M to 100 MHz
122 dB
100 M to 200 MHz
128 dB
200 M to 400 MHz
134 dB
400 M to 800 MHz
140 dB
800 M to 3 GHz
144 dB
3 G to 5 GHz
141 dB
5 G to 6 GHz
138 dB
6 G to 7 GHz
135 dB
7 G to 9 GHz
134 dB
(Source: Standard Configuration, Receiver: Wide Dynamic Range Configuration, Test Attenuator 0 dB IF Bandwidth = 10 Hz,)
10 M to 50 MHz
118 dB
50 M to 3 GHz
160 dB
3 G to 5 GHz
157 dB
5 G to 6 GHz
154 dB
6 G to 7 GHz
150 dB
7 G to 9 GHz
149 dB
Extended Dynamic Range at direct receiver access input 2, 3
(Source: Standard Configuration, Receiver: Direct Access Configuration, Tin, Test Attenuator 0 dB, IF Bandwidth = 10 Hz)
10 M to 50 MHz
119 dB
50 M to 3 GHz
162 dB
3 G to 5 GHz
159 dB
5 G to 6 GHz
156 dB
6 G to 7 GHz
153 dB
7 G to 9 GHz
152 dB
1. Thetestportsystemdynamicrangeiscalculatedasthedifferencebetweenthetestportrmsnoisefloorandthesourcemaximumoutputpower.
Crosstalk does not limit the dynamic range.
2. Theextendeddynamicrangeiscalculatedasthedifferencebetweenthedirectaccessreceiverinputrmsnoisefloorandthesourcemaximumoutput
power. Crosstalk does not limit the dynamic range. The extended dynamic range is only available in one-path transmission measurements.
3. The effective dynamic range must take measurement uncertainties and interfering signals into account.


Số phần tương tự - M9300A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9300A KEYSIGHT-M9300A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9300A KEYSIGHT-M9300A Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9300A KEYSIGHT-M9300A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results

Mô tả tương tự - M9300A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com