công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9300A bảng dữ liệu(PDF) 4 Page - Keysight Technologies

tên linh kiện M9300A
Giải thích chi tiết về linh kiện  M9381A PXIe Vector Signal Generator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9300A bảng dữ liệu(HTML) 4 Page - Keysight Technologies

  M9300A Datasheet HTML 1Page - Keysight Technologies M9300A Datasheet HTML 2Page - Keysight Technologies M9300A Datasheet HTML 3Page - Keysight Technologies M9300A Datasheet HTML 4Page - Keysight Technologies M9300A Datasheet HTML 5Page - Keysight Technologies M9300A Datasheet HTML 6Page - Keysight Technologies M9300A Datasheet HTML 7Page - Keysight Technologies M9300A Datasheet HTML 8Page - Keysight Technologies M9300A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
04 | Keysight | M9381A PXIe Vector Signal Generator – Data Sheet
Technical Specifications and Characteristics
Block diagram
Figure 5. M9381A PXIe vector signal generator block diagram with four modules consisting of the M9301A synthesizer, M9310A source output, M9311A digital vector
modulator, and optional M9300A frequency reference.
M9300A PXIe Frequency Reference
Ref In
100 MHz PLL
10 MHz OCXO
TIMEBASE
100 MHz
Out 1
100 MHz
Out 2
100 MHz
Out 3
100 MHz
Out 4
100 MHz
Out 5
100 MHz
10 MHz Out
10 MHz
OXCO Out
10 MHz
/10
Divide
by 10
(1 to 110 MHz)
(+13 dBm sine all
100 MHz Outs)
(10 MHz, +10 dBm
to 16 dBm, sine)
Divide
by 1-2-4-8
PLL
M9301A PXIe Synthesizer
Banded
switched
filter
bank
100 MHz
Out
100 MHz In
Divide
by 1 or 2
850 MHz
RF/LO Out 1A
RF/LO Out 1B
(+13 dBm Typical
(+13 dBm
Typical
3 dB
3 dB
3 dB
3 dB
3 dB
3 dB
(RF Outputs: 187 .5 MHz to 6 GHz)
(-10 dBm to +10 dBm)
3 GHz to 6 GHz
ExternalTriggerTrig 2 (front)
to PXI backplane
M9310A PXIe Source Output
RF In
(1 MHz to 6 GHz)
(-5 dBm to +5 dBm)
Pulse
modulator
ALC &
power
control
RF
LO
IF
6 GHz
RF Out
100 MHz In
(+10 dBm typical)
100 MHz Out
(+10 dBm typical)
Pulse Mod Trigger
Trig 1 (Front Panel)
ALC Hold Trigger
PXI backplane
ALC
Coupler
Log Amp
Limiter
M9311A PXIe Digital Vector Modulator
FPGA
I+ In
I+ Out
I- In
I- Out
Q+ In
Q+ Out
Q- Out
LO In
RF Out
(100 MHz to 6 GHz,
0 dBm to +5 dBm)
(400 MHz to 6 GHz, -25 dBm to +5 dBm)
100 MHz In
Signal
processing
ASIC
(+10 dBm typical)
(All IQ inputs DC to 400 MHz)
(All IQ outputs -1 V to +3 .6 V Max)
Q- In
IQ modulation bypass
RF
Clocks
RAM
DACs &
signal
conditioning
Trig 1 (Front panel)
Filters
IQ modulation
RF/LO Out 2A
RF/LO Out 2B
(-130 dBm to +19 dBm, 1 MHz to 5 GHz)
(-130 dBm to +18 dBm, >5 GHz to 6 GHz)


Số phần tương tự - M9300A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9300A KEYSIGHT-M9300A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9300A KEYSIGHT-M9300A Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9300A KEYSIGHT-M9300A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
More results

Mô tả tương tự - M9300A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
logo
National Instruments Co...
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
   Vector Signal Generator
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
   Vector Signal Generator
logo
Keysight Technologies
E8267D KEYSIGHT-E8267D Datasheet
4Mb / 37P
   Vector Signal Generator
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9421A KEYSIGHT-M9421A_18 Datasheet
1Mb / 29P
   M9421A VXT PXIe Vector Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com