công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9391A-F06 bảng dữ liệu(PDF) 6 Page - Keysight Technologies

tên linh kiện M9391A-F06
Giải thích chi tiết về linh kiện  M9391A PXIe Vector Signal Analyzer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A-F06 bảng dữ liệu(HTML) 6 Page - Keysight Technologies

Back Button M9391A-F06 Datasheet HTML 2Page - Keysight Technologies M9391A-F06 Datasheet HTML 3Page - Keysight Technologies M9391A-F06 Datasheet HTML 4Page - Keysight Technologies M9391A-F06 Datasheet HTML 5Page - Keysight Technologies M9391A-F06 Datasheet HTML 6Page - Keysight Technologies M9391A-F06 Datasheet HTML 7Page - Keysight Technologies M9391A-F06 Datasheet HTML 8Page - Keysight Technologies M9391A-F06 Datasheet HTML 9Page - Keysight Technologies M9391A-F06 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
06 | Keysight | M9391A PXIe Vector Signal Analyzer - Data Sheet
Technical Specifications and Characteristics
Frequency
Frequency range and resolution
Option F03
1 MHz to 3 GHz
Option F06
1 MHz to 6 GHz
Tuning resolution
0.001 Hz
IF frequency
Nominal
15 MHz filter
326 MHz
40 MHz filter
240 MHz
160 MHz filter
300 MHz
Analysis bandwidth 1
Maximum bandwidth
Option B04
40 MHz
Option B10
100 MHz
Option B16
160 MHz
Frequency switching speed 2,3
List mode switching speed 4
Sample rate
Acquisition
bandwidth
Standard,
nominal
Option UNZ, nominal
Baseband frequency offset change 5
≤ 100 MHz
≤ 80 MHz
5 ms
27 µs
> 100 MHz to
< 180 MHz
> 80 MHz to
< 144 MHz
5 ms
102 µs
≥ 180 MHz
≥ 144 MHz
5 ms
15 µs
Arbitrary frequency change
5 ms
320 µs
Non-list mode switching speed 6
Standard,
nominal
Option UNZ, nominal
Baseband frequency offset change 5
5 ms
310 µs
Arbitrary frequency change
5 ms
2.3 ms
1.
Instantaneous bandwidth (1 dB bandwidth) available around a center frequency over which the input signal can be digitized for further
analysis or processing in the time, frequency or modulation domain.
2.
When used with the M9018A PXIe chassis (2-link configuration: 1 x 8 [factory default]) and M9036A PXIe embedded controller.
3.
Settled to within 1 kHz or 1 ppm, whichever is greater of final value. Does not include data acquisition or processing time. Amplitude
settled to within 0.1 dB. Channel filter set to none. Applies for all conversion types.
4.
Time from trigger input to frequency and amplitude settled. Minimum IQ sample rate ≥ 6 MHz. Minimum spectrum acquisition ≥ 4.8 MHz.
Minimum power acquisition channel filter bandwidth ≥ 4.8 MHz. For lists with first point < 400 MHz or for frequency changes
from > 400 MHz to < 400 MHz, add 40 ms.
5.
Baseband offset can be adjusted ± from carrier frequency within limits determined by RF analysis bandwidth and IF filter bandwidth.
Synthesizer frequency and amplitude are not changing. Baseband offset settled to within 1 kHz.
6.
Mean time from IVI command to carrier frequency settled to within 1 kHz or 1 ppm, whichever is greater. Amplitude settled within 0.1 dB.
Simultaneous carrier frequency and amplitude switching. For frequency changes from > 400 MHz to < 400 MHz, add 40 ms.


Số phần tương tự - M9391A-F06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Mô tả tương tự - M9391A-F06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com