công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9393A bảng dữ liệu(PDF) 8 Page - Keysight Technologies

tên linh kiện M9393A
Giải thích chi tiết về linh kiện  M9393A PXIe Performance Vector Signal Analyzer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A bảng dữ liệu(HTML) 8 Page - Keysight Technologies

Back Button M9393A Datasheet HTML 4Page - Keysight Technologies M9393A Datasheet HTML 5Page - Keysight Technologies M9393A Datasheet HTML 6Page - Keysight Technologies M9393A Datasheet HTML 7Page - Keysight Technologies M9393A Datasheet HTML 8Page - Keysight Technologies M9393A Datasheet HTML 9Page - Keysight Technologies M9393A Datasheet HTML 10Page - Keysight Technologies M9393A Datasheet HTML 11Page - Keysight Technologies M9393A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
08 | Keysight | M9393A PXIe Performance Vector Signal Analyzer – Data Sheet
Technical Specifications and Characteristics
Standard Configuration - Options F08, F14, F18, F27
Frequency (cont’d)
Frequency reference (M9300A PXIe frequency reference module)
Reference outputs
100 MHz Out (Out 1 through Out 5)
Amplitude
≥ 10 dBm
13 dBm, typical
Connectors
5 SMB snap-on
Impedance
50 Ω, nominal
10 MHz Out
Amplitude
9.5 dBm, nominal
Connectors
1 SMB snap-on
Impedance
50 Ω, nominal
OCXO Out
Amplitude
11.5 dBm, nominal
Connectors
1 SMB snap-on
Impedance
50 Ω, nominal
Frequency accuracy
Same as accuracy of internal time base or external reference input
Internal timebase
Accuracy
± [(time since last adjustment x aging rate) ± temperature effects ± calibration accuracy]
Frequency stability
Aging rate
Daily
< ± 0.5 ppb/day, after 72 hours of warm-up
Yearly
< ± 0.1 ppm/year, after 72 hours of warm-up
Total 10 years
< ± 0.6 ppm/10 years, after 72 hours of warm-up
Achievable initial calibration accuracy
(at time of shipment)
± 5 x 10-8
Temperature effects
20 to 30 °C
< ± 10 ppb
Full temperature range
< ± 50 ppb
Warm up
5 minutes over +20 to +30 °C, with respect to 1 hour
< ± 0.1 ppm
15 minutes over +20 to +30 °C, with respect to 1 hour
< ± 0.01 ppm
External reference input
Frequency
1 to 110 MHz, sine wave
Lock range
± 1 ppm, nominal
Amplitude
0 to 10 dBm, nominal
Connector
1 SMB snap-on
Impedance
50 Ω, nominal


Số phần tương tự - M9393A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Mô tả tương tự - M9393A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com