công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9393A bảng dữ liệu(PDF) 6 Page - Keysight Technologies

tên linh kiện M9393A
Giải thích chi tiết về linh kiện  M9393A PXIe Performance Vector Signal Analyzer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A bảng dữ liệu(HTML) 6 Page - Keysight Technologies

Back Button M9393A Datasheet HTML 2Page - Keysight Technologies M9393A Datasheet HTML 3Page - Keysight Technologies M9393A Datasheet HTML 4Page - Keysight Technologies M9393A Datasheet HTML 5Page - Keysight Technologies M9393A Datasheet HTML 6Page - Keysight Technologies M9393A Datasheet HTML 7Page - Keysight Technologies M9393A Datasheet HTML 8Page - Keysight Technologies M9393A Datasheet HTML 9Page - Keysight Technologies M9393A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
06 | Keysight | M9393A PXIe Performance Vector Signal Analyzer – Data Sheet
Technical Specifications and Characteristics
Standard Configuration - Options F08, F14, F18, F27
Frequency
Frequency range and resolution
Option F08
9 kHz to 8.4 GHz
Option F14
9 kHz to 14 GHz
Option F18
9 kHz to 18 GHz
Option F27
9 kHz to 27 GHz
Tuning resolution
0.01 Hz
Analysis bandwidth 1
Maximum bandwidth
Option B04 (standard)
40 MHz
Option B10
100 MHz
Option B16
160 MHz
Option WB1 5
1 GHz IF output, nominal
IF frequency 2
Final IF
First IF (< 3.6 GHz)
40 MHz IF path
240 MHz
5040 MHz
100/160 MHz IF path
300 MHz
5100 MHz
40 MHz alternate IF path 3
326 MHz
5126 MHz
Bypass path (Option WB1) 6
Adjustable
--
Band
Harmonic mixing mode
LO multiple (N) 4
Frequency
Band 0
1
1
9 kHz to 3.6 GHz
Band 1
1
1
3.6 to 8.4 GHz
Band 2
1
2
8.4 to 13.6 GHz
Band 3
2
2
13.6 to 17.1 GHz
Band 4
2
4
17.1 to 27 GHz
1.
Instantaneous bandwidth (1 dB bandwidth) available around a center frequency over which the input signal can be digitized for further
analysis or processing in the time, frequency or modulation domain.
2.
Double conversion below 3.6 GHz, single conversion above 3.6 GHz.
3.
Only used for some frequencies below 3.6 GHz for best performance as determined by the instrument software.
4.
N is the LO multiplication factor.
5.
Enables bypassing of IF filters to provide access to wideband IF output from downconverter for use with an external digitizer. Available > 3.6 GHz.
Full 1 GHz not available at band crossings.
6.
IF frequency can be tuned from 200 to 800 MHz with a default value of 500 MHz.


Số phần tương tự - M9393A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Mô tả tương tự - M9393A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com