công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9336A-M02 bảng dữ liệu(PDF) 10 Page - Keysight Technologies

tên linh kiện M9336A-M02
Giải thích chi tiết về linh kiện  M9336A PXIe I/Q Arbitrary Waveform Generator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9336A-M02 bảng dữ liệu(HTML) 10 Page - Keysight Technologies

Back Button M9336A-M02 Datasheet HTML 6Page - Keysight Technologies M9336A-M02 Datasheet HTML 7Page - Keysight Technologies M9336A-M02 Datasheet HTML 8Page - Keysight Technologies M9336A-M02 Datasheet HTML 9Page - Keysight Technologies M9336A-M02 Datasheet HTML 10Page - Keysight Technologies M9336A-M02 Datasheet HTML 11Page - Keysight Technologies M9336A-M02 Datasheet HTML 12Page - Keysight Technologies M9336A-M02 Datasheet HTML 13Page - Keysight Technologies M9336A-M02 Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10 | Keysight | M9336A I/Q Arbitrary Waveform Generator - Data Sheet
Technical Specifications
Analog Outputs
Characteristic 1
Amplitude resolution
16-bit
Amplitude DC accuracy
±0.5% of setting ±5 mV
Jitter 5
Fc = 10 MHz
<1 ps rms
Fc ≥ 50 MHz
<0.25 ps rms
Rise/fall time (10% to 90%)
Without corrections
<1.2 ns, typical
With corrections
<900 ps, typical
Single-ended output characteristics 1
Characteristic
Channels 1 & 2
Channel 3
Nominal output impedance
50 ohm
50 ohm
Nominal amplitude range 2, 4
Without corrections
0 Vpp to 1 Vpp
0 Vpp to 1.65 Vpp
With corrections 3
0 Vpp to 0.8 Vpp
0 Vpp to 1.26 Vpp
Offset
Range
-0.3 to +0.81 V
±1.2 V
Adjustment resolution
100 uV
100 uV
Analog gain
Range
15 dB (min=0.11, max=0.66)
15 dB (min=0.18, max=1.08)
Adjustment resolution
0.0001
0.0001
Digital gain
Range
min=0, max=1
min=0, max=1
Adjustment resolution
0.0001
0.0001
1. Each output terminated with 50 ohms to ground.
2. With maximum analog and default digital gain settings. Higher levels of digital gain are possible depending on signal type. For example, channels 1 and 2
can output a with a 1.3 Vpp sinewave. Using maximum digital gain on complex waveforms with high crest factors may cause signal overload.
3. At maximum sample rate. Reducing sample rate will allow for higher amplitude settings.
4. For channel 3, it is recommended to keep (Vpp X Frequency) <2.5x108 and offsets = 0V to minimize harmonic distortion. If offsets are used, it is recommend-
ed to keep (Vp X Frequency) <4x107
5. 1 kHz to 10 MHz integration bandwidth


Số phần tương tự - M9336A-M02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
More results

Mô tả tương tự - M9336A-M02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com