công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9380A bảng dữ liệu(PDF) 11 Page - Keysight Technologies

tên linh kiện M9380A
Giải thích chi tiết về linh kiện  M9380A PXIe CW Source
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9380A bảng dữ liệu(HTML) 11 Page - Keysight Technologies

Back Button M9380A Datasheet HTML 7Page - Keysight Technologies M9380A Datasheet HTML 8Page - Keysight Technologies M9380A Datasheet HTML 9Page - Keysight Technologies M9380A Datasheet HTML 10Page - Keysight Technologies M9380A Datasheet HTML 11Page - Keysight Technologies M9380A Datasheet HTML 12Page - Keysight Technologies M9380A Datasheet HTML 13Page - Keysight Technologies M9380A Datasheet HTML 14Page - Keysight Technologies M9380A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11 | Keysight | M9380A PXIe CW Source 1 MHz to 3 GHz or 6 GHz - Data Sheett
Technical Specifications and Characteristics (continued)
Spectral purity (continued)
Analog modulation
Pulse parameters
Pulse on/off ratio 1 MHz to 400 MHz
> 85 dB, typical
Pulse on/off ratio > 400 MHz to 6 GHz
> 95 dB, typical
Pulse rise/fall time
< 10 ns, nominal
Topic
Windows 7 requirements
Operating systems
Windows 7 (32-bit and 64-bit)
Processor speed
1 GHz 32-bit (x86), 1 GHz 64-bit (x64)
(no support for Itanium 64)
Available memory
4 GB minimum
8 GB or greater recommended
Available
disk space 3
1.5 GB available hard disk space, includes:
– 1 GB available for Microsoft .NET framework 3.5 SP1 4
– 100 MB for Keysight IO libraries suite
Video
Support for DirectX 9 graphics with 128 MB graphics memory recommended
(Super VGA graphics is supported)
Browser
Microsoft Internet Explorer 7.0 or greater
Keysight IO libraries
Version 16.3.16603.3 or later
Broadband noise floor
Range
1 MHz to 6 GHz
< -140 dBc/Hz, nominal, at +10 dBm output power level
Harmonics
Range
≤ 0 dBm
≤ +10 dBm
1 MHz to < 400 MHz
< -43 dBc
-46 dBc, typical
< -35 dBc
-37 dBc, typical
400 MHz to 1.5 GHz
< -29 dBc
-31 dBc, typical
< -27 dBc
-29 dBc, typical
> 1.5 GHz to 3 GHz
< -35 dBc
-39 dBc, typical
< -30 dBc
-33 dBc, typical
Nonharmonics 1
Nonharmonic miscellaneous spurious 2
< -70 dBc, nominal
Nonharmonic HET band mixing spurs (0 dBm)
< -67 dBc, nominal
Nonharmonic Frac-N
< -66 dBc, nominal
Subharmonics
1 MHz to 6 GHz
none
1. Non-harmonics include mixing spurs for frequencies below 400 MHz, synthesizer spurs, and other miscellaneous chassis and power supply products, for
offsets >10 kHz.
2. With a Keysight M9036A embedded controller.
3. Because of the installation procedure, less memory may be required for operation than is required for installation.
4. NET framework runtime components are installed by default with Windows Windows 7. Therefore, you may not need this amount of available disk space.
System requirements


Số phần tương tự - M9380A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9380A KEYSIGHT-M9380A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9380A KEYSIGHT-M9380A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Mô tả tương tự - M9380A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9380A KEYSIGHT-M9380A Datasheet
3Mb / 17P
   M9380A PXIe CW Source
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1782A EMCORE-1782A Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM Datasheet
700Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com